Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16209/PCBZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16209/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADIS16209
Rev. PrA | Page 3 of 16
SPECIFICATIONS
TA = +25°C, VDD = 3.3 V, tilt = 0°, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
HORIZONTAL INCLINE
Each axis
Input Range
Operable to ~±90 degrees
±70
Degrees
Relative Accuracy
±30 degrees, AVG_CNT = 0x08
±0.1
Degrees
Sensitivity
±30 degrees, 25°C
0.02492
0.0250
0.02508
°/LSB
±30 degrees, −40°C to +85°C
°/LSB
Offset
0 degrees, +25°C
TBD
Degrees
0 degrees, −40°C to +85°C
TBD
Degrees
VERTICAL ROTATION
Sensor within ±30 degrees of vertical
Input Range
−180
+180
Degrees
Relative Accuracy
TBD
Degrees
−40°C to +85°C
TBD
Degrees
Sensitivity
±30 degrees
0.02492
0.0250
0.02508
°/LSB
±30 degrees, −40°C to +85°C
°/LSB
Offset
0 degrees
TBD
Degrees
0 degrees, −40°C to +85°C
TBD
Degrees
ACCELEROMETER
Each axis
Input Range1
25°C
±1.7
g
Nonlinearity1
% of full scale
±0.1
±0.5
%
Alignment Error
X sensor to Y sensor
±0.2
Degrees
Cross Axis Sensitivity
±2
%
Sensitivity
TBD
0.244
TBD
mg/LSB
−40°C to +85°C
ppm/°C
Offset
0 g
TBD
mg
0 g, −40°C to +85°C
TBD
mg
ACCELEROMETER NOISE
PERFORMANCE
Output Noise
AVG_CNT = 0x00
1.7
mg rms
Noise Density
AVG_CNT = 0x00
0.17
mg/√Hz rms
ACCELEROMETER FREQUENCY
RESPONSE
Sensor Bandwidth
50
Hz
Sensor Resonant Frequency
5.5
kHz
ACCELEROMETER SELF-TEST STATE2
Output Change When Active
At 25°C
706
1343
1973
LSB
TEMPERATURE SENSOR
Output at 25°C
1278
LSB
Scale Factor
−2.13
LSB/°C
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity (INL)
±2
LSB
Differential Nonlinearity (DNL)
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
2.5
V
Input Capacitance
During acquisition
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com