Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16209/PCBZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16209/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADIS16209
Rev. PrA | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AUX DAC
NC
NC
RST
SCLK
DOUT
DIN
AY
AX
CS
ADIS16209
TOP
LOOK THROUGH
VIEW
(Not to Scale)
16
15
14
13
5
6
7
8
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT
2. THIS IS NOT AN ACTUAL “TOP VIEW,” AS THE PINS ARE NOT VISIBLE FROM THE TOP. THIS IS A
LAYOUT VIEW, WHICH REPRESENTS THE PIN CONFIGURATION, IF THE PACKAGE IS LOOKED
THROUGH FROM THE TOP. THIS CONFIGURATION IS PROVIDED FOR PCB LAYOUT PURPOSES.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SCLK
I
SPI, Serial Clock.
2
DOUT
O
SPI, Data Output.
3
DIN
I
SPI, Data Input.
4
CS
I
SPI, Chip Select.
5, 6
DIO1, DIO2
I/O
Digital Input/Output Pins.
7, 8, 10, 11
NC
–
No Connect.
9
RST
I
Reset, Active Low.
12
AUX DAC
O
Auxiliary DAC Output.
13
VDD
S
Power Supply, +3.3 V.
14
AUX ADC
I
Auxiliary ADC Input.
15
VREF
O
Precision Reference.
16
GND
S
Ground.
1 S = supply; O = output; I = input.
RECOMMENDED PAD GEOMETRY
0.670
12×
1.127
16×
4.1865
8×
2.6955
8×
5.391
4×
8.373
2×
0.500
16×
9.2mm × 9.2mm STACKED LGA PACKAGE
Figure 6. Example of a Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com