Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16209/PCBZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16209/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADIS16209
Preliminary Technical Data
Rev. PrA | Page 12 of 16
OUTPUT DATA REGISTERS
Table 7 provides the data configuration for each output data
register in the ADIS16209. Starting with the MSB of the upper
byte, each output data register has the following bit sequence:
new data (ND) flag, error/alarm (EA) flag, followed by 14 data
bits. The data bits are LSB-justified and in the case of the 12-bit
data formats, the remaining 2 bits are not used. The ND flag
indicates that unread data resides in the output data registers.
This flag clears and returns to 0 during an output register read
sequence. It returns to 1 after the next internal sample update
cycle completes. The EA flag indicates an error condition. The
STATUS register contains all of the error flags and provides the
ability to investigate root cause.
Table 7. Output Data Register Formats
Register
Bits
Format
Scale1
SUPPLY_OUT
12
Binary, +3.3 V = 0x0ABE
1.22 mV
XACCL_OUT
14
Twos complement
0.244 mg
YACCL_OUT
14
Twos complement
0.244 mg
AUX_ADC
12
Binary, +2 V = 0x0CCC
0.6105 mV
TEMP_OUT
12
Binary, +25°C = 0x04FE
−0.47°C
XINCL_OUT2
14
Twos complement
0.025°
YINCL_OUT2
14
Twos complement
0.025°
ROT_OUT3
14
Twos complement
0.025°
1 Scale denotes quantity per LSB.
2 Range = −90° to +90°.
3 Range = −180° to +179.975°.
OPERATION CONTROL REGISTERS
Internal Sample Rate
The SMPL_PRD register controls the ADIS16209 internal sample
rate and has two parts: a selectable time base and a multiplier. The
following relationship produces the sample rate:
TS = TB × (NS + 1)
Table 8. SMPL_PRD Bit Descriptions
Bit
Description
(Default = 0x0001)
15:8
Not used
7
Time base (TB)
0 = 244.14 μs, 1 = 7.568 ms
6:0
Increment setting (NS)
An example calculation of the default sample period follows:
SMPL_PRD = 0x01, B7 − B0 = 00000001
B7 = 0 → TB = 122.07 μs, B6…B0 = 000000001 → NS = 1
TS = TB × (NS + 1) = 122.07 μs × (1 + 1) = 244.14 μs
fS = 1∕TS = 4096 SPS
The sample rate setting has a direct impact on the SPI data
rate capability. For sample rates ≥1024 SPS, the SPI SCLK can
run at a rate up to 2.5 MHz. For sample rates <1024 SPS, the SPI
SCLK can run at a rate up to 1 MHz. The sample rate setting
also affects the power dissipation. When the sample rate is set
<1024 SPS, the power dissipation typically reduces by a factor of
68%. The two different modes of operation offer a system-level
trade-off between performance (sample rate, serial transfer rate)
and power dissipation.
Power Management
In addition to offering two different performance modes for
power optimization, the ADIS16209 offers a programmable
shutdown period, which the SLP_CNT register controls.
Table 9. SLP_CNT Bit Descriptions
Bit
Description
(Default = 0x00)
15:8
Not used
7:0
Data bits, 0.5 seconds/code
For example, writing 0x08 to the SLP_CNT register places the
ADIS16209 into sleep mode for 4 seconds. The only way to stop
this process is to remove power or reset the device.
Digital Filtering
The AVG_CNT register controls the moving average digital filter,
which determines the size of the moving average filter, in eight
power-of-two step sizes (that is, 2M = 1, 2, 4, 16, 32, 64, 128, and
256). Filter setup requires one simple step: write the appropriate
M factor to the assigned bits in the AVG_CNT register.
Table 10. AVG_CNT Bit Descriptions
Bit
Description
(Default = 0x0004)
15:4
Not used
3:0
Power-of-two step size, maximum binary value = 1000
The following equation offers a frequency response relationship
for this filter:
)
sin(
)
sin(
)
(
S
S
A
t
f
N
t
f
N
f
H
×
×
π
×
×
×
×
π
=
f/fS
20
0
–20
–40
–60
–80
–100
0.001
0.01
0.1
N = 4
N = 16
N = 128
Figure 22. Frequency Response—Moving Average Filter
Digital I/O Lines
The ADIS16209 provides two, general purpose, digital
input/output lines that have several configuration options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com