Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209/PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16209/PCBZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209/PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16209/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADIS16209
Rev. PrA | Page 13 of 16
Table 11. Digital I/O Line Configuration Registers
Function
[Priority]
Register
Data-Ready I/O indicator
[1]
MSC_CTRL
Alarm Indicator
[2]
ALM_CTRL
General-Purpose I/O Configuration
[3]
GPIO_DIR
General-Purpose I/O Line Communication
GPIO_DAT
Data-Ready I/O Indicator
The MSC_CTRL register provides controls for a data-ready
function. For example, writing 0x05 to this register enables this
function, and establishes DIO2 as an active-low, data-ready line.
The duty cycle is 20% (±10% tolerance).
Table 12. MSC_CTRL Bit Descriptions
Bit
Description
(Default = 0x0000)
15:11
Not used
10
Self-test at power-on: 1 = disabled, 0 = enabled
9
Not used
8
Self-test enable (temporary, bit is volatile)
1 = enabled, 0 = disabled
7:3
Not used
2
Data-ready enable: 1 = enabled, 0 = disabled
1
Data-ready polarity: 1 = active high, 0 = active low
0
Data-ready line select: 1 = DIO2, 0 = DIO1
Self-Test
Self-test exercises the sensor’s mechanical structure and
provides a simple method for verifying the operation of the
entire sensor signal conditioning circuit. There are two different
self-test options: startup and manual. If either of these self-tests
results in a failure, the self-test error flag, located in the
STATUS register, sets to 1. See Table 12 for the appropriate
MSC_CTRL bit designations.
General Purpose I/O
The GPIO_CTRL controls the direction and data of the
general-purpose digital lines, DIO1 and DIO2. For example,
writing a 0x02 to the GPIO_DIR register sets DIO2 as an output
line and DIO1 as an input line. Reading the data bits in
GPIO_CTRL reveals the line’s logic level.
Table 13. GPIO_CTRL Bit Descriptions
Bit
Description
(Default = 0x0000)
15:10
Not used
9
General-purpose I/O Line 2 data
8
General-purpose I/O Line 1 data
7:2
Not used
1
General-purpose I/O Line 2, data direction control
1 = output, 0 = input
0
General-purpose I/O Line 1, data direction control
1 = output, 0 = input
Auxiliary DAC
The auxiliary DAC provides a 12-bit level adjustment function.
The AUX_DAC register controls the operation of the auxiliary
DAC function, which is useful for systems that require analog
level controls. It offers a rail-to-rail buffered output that has a
range of 0 V to 2.5 V. The DAC can drive its output to within
5 mV of the ground reference when it is not sinking current. As
the output approaches ground, the linearity begins to degrade
(100 LSB beginning point). As the sink current increases, the
nonlinear range increases. The DAC output latch function,
contained in the COMMAND register provides continuous
operation while writing to each byte of this register. The
contents of this register are volatile, which means that the
desired output level must be set after every reset and power
cycle event.
Table 14. AUX_DAC Bit Descriptions
Bit
Description
(Default = 0x0000)
15:12
Not used
11:0
Data bits, scale factor = 0.6105 mV/code
Offset binary format, 0 V = 0 codes
Global Commands
The COMMAND register provides initiation bits for several
commands, which simplify many common operations. Writing
a 1 to the assigned COMMAND bit exercises its function.
Table 15. COMMAND Bit Descriptions
Bit
Description
(Default = 0x0000)
15:8
Not used
7
Software reset
6:5
Not used
4
Clear status register (reset all bits to 0)
3
Flash update; backs up all registers, per Table 6
2
DAC data latch
1
Factory calibration restore
0
Autonull
The software reset command restarts the internal processor,
which loads all registers with the contents in their flash memory
locations.
The flash update copies the contents of all the flash backup
registers into their assigned, nonvolatile, flash memory
locations. This process takes approximately 50 ms and requires
a power supply that is within the specified operating range.
After waiting the appropriate time for the flash update to
complete, verify successful completion by reading the STATUS
register (if successful, the flash update error is zero). If the flash
update was not successful, reading this error bit accomplishes
two things: (1) alert system processor to try again, and (2) clear
the error flag, which is required for flash memory access.
The DAC data latch command loads the contents of AUX_DAC
into the DAC latches. Because the AUX_DAC contents must be
updated one byte at a time, this command ensures a stable DAC
output voltage during updates.
The autonull command provides a simple method for removing
offset from the sensor outputs. This command takes the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com