Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16209/PCBZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16209/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16209/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16209
Preliminary Technical Data
Rev. PrA | Page 14 of 16
contents of the output data registers and loads the equal but
opposite number into the offset calibration registers. The
accuracy of this operation depends on zero force, zero motion,
and optimal noise management during the measurement (see
the Digital Filtering section). The factory calibration restore sets
the offset null registers (XACCL_NULL, for example) back to
their default values.
CALIBRATION REGISTERS
The ADIS16209 incorporates an extensive factory calibration
and provides precision acceleration, incline, and rotational
position data. For systems that require on-site calibration,
user-programmable offset adjustment registers are available.
Table 16 provides the bit assignments for the following user-
programmable calibration registers: XACCL_NULL and
YACCL_NULL. Table 17 provides the bit assignments for
the following user-programmable calibration registers:
XINCL_NULL, YINCL_NULL, and ROT_NULL.
Table 16. Acceleration Offset Register Bit Designations
Bit
Description
(Default = 0x0000)
15:12
Not used
11:0
Data bits, twos complement, sensitivity = 0.244 mg/LSB
Table 17. Incline/Rotation Offset Register Bit Designations
Bit
Description
(Default = 0x0000)
15:14
Not used
13:0
Data bits, twos complement, sensitivity = 0.025°/LSB
ALARM REGISTERS
The alarm function provides monitoring for two independent
conditions. The ALM_CTRL register provides control inputs
for data source, data filtering (prior to comparison), static/
dynamic, and output indicator configurations. The ALM_MAGx
registers establish the trigger threshold and polarity configura-
tions. The ALM_SMPLx registers provide the numbers of
samples to use in the dynamic, rate-of-change configuration.
The rate-of-change calculation is
?
or
is
)
(
)
1
(
1
C
C
DS
N
n
DS
C
M
Y
Alarm
n
y
n
y
N
Y
<
>
⇒
⇒
−
+
=
∑
=1
where:
NDS is the number of samples in ALM_SMPLx.
y(n) is the sampled output data.
MC is the magnitude for comparison in ALM_MAGx.
> or < is determined by the MSB in ALM_MAGx.
Table 18. ALM_MAG1/ALM_MAG2 Bit Designations
Bit
Description
(Default = 0x0000)
15
Comparison polarity: 1 = greater than, 0 = less than
14
Not used
13:0
Data bits, matches format of trigger source selection
Table 19. ALM_SMPL1/ALM_SMPL2 Bit Designations
Bit
Description
(Default = 0x0001)
15:8
Not used
7:0
Data bits: number of samples (both 0x00 and 0x01 = 1)
Table 20. ALM_CTRL Bit Descriptions
Bit
Value
Description
(Default = 0x0000)
15
Alarm 2 rate of change control: 1 = enabled
14:12
Trigger source, Alarm 2
000
Disabled
001
Power supply
010
X-acceleration
011
Y-acceleration
100
Temperature sensor
101
X-axis incline angle
110
Y-axis incline angle
111
Rotational position
11
Alarm 1: rate-of-change control, 1 = enabled
10:8
Trigger source, Alarm 1, same as bits 14:12
7:6
Not used
5
Alarm 2 filter: 1 = filtered data, 0 = no filter
4
Alarm 1 filter: 1 = filtered data, 0 = no filter
3
Not used
2
Alarm indicator, using DIO1/DIO2: 1 = enabled
1
Alarm indicator polarity: 1 = active high
0
Alarm indicator line select: 1 = DIO2, 0 = DIO1
Status
The STATUS register provides a series of error flags, which
provide indicator functions for common system-level issues. All
of the flags clear (set to 0) after each STATUS register read
cycle. If an error condition remains, then the error flag returns
to 1 during the next sample cycle.
Table 21. STATUS Bit Descriptions
Bit
Description
(Default = 0x0000)
15:10
Not used
9
Alarm 2 status
1 = active, 0 = inactive
8
Alarm 1 status
1 = active, 0 = inactive
7:6
Not used
5
Self-test diagnostic error flag
1 = error condition, 0 = normal operation
4
Not used
3
SPI communications failure
1 = error condition, 0 = normal operation
2
Flash update failed
1 = error condition, 0 = normal operation
1
Power supply above 3.625 V
1 = >3.625 V, 0 = <2.975 V (normal)
0
Power supply below 2.975 V
1 = <2.975 V, 0 = >2.975 V (normal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com