Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607A Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 17Page - Microchip Technology MIC4607A Datasheet HTML 18Page - Microchip Technology MIC4607A Datasheet HTML 19Page - Microchip Technology MIC4607A Datasheet HTML 20Page - Microchip Technology MIC4607A Datasheet HTML 21Page - Microchip Technology MIC4607A Datasheet HTML 22Page - Microchip Technology MIC4607A Datasheet HTML 23Page - Microchip Technology MIC4607A Datasheet HTML 24Page - Microchip Technology MIC4607A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 21
MIC4607A
5.7.2
DLY
A capacitor connected to the DLY pin determines the
amount of time the gate drive outputs are latched off
before they can be restarted.
During normal operation, the DLY pin is held low by an
internal MOSFET. After an overcurrent condition is
detected, the MOSFET turns off and the external
capacitor is charged up by an internal current source.
The outputs remain latched off until the DLY pin voltage
reaches the VDLY+ threshold (typically 1.5V).
The delay time can be approximately calculated using
Equation 5-1.
EQUATION 5-1:
5.7.3
FLT/
This open-drain output is pulled low while the gate drive
outputs are latched off after an over-current condition.
It will de-assert once the DLY pin has reached the
VDLY+ threshold and a rising edge occurs on any LI pin
(for the MIC4607A-1) or a falling edge on any PWM pin
(MIC4607A-2).
During normal operation, the internal pull-down MOS-
FET is of the pin is high impedance. A pull-up resistor
must be connected to this pin.
tDLY
CDLY VDLY-
IDLY
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com