Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607A Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 33Page - Microchip Technology MIC4607A Datasheet HTML 34Page - Microchip Technology MIC4607A Datasheet HTML 35Page - Microchip Technology MIC4607A Datasheet HTML 36Page - Microchip Technology MIC4607A Datasheet HTML 37Page - Microchip Technology MIC4607A Datasheet HTML 38Page - Microchip Technology MIC4607A Datasheet HTML 39Page - Microchip Technology MIC4607A Datasheet HTML 40Page - Microchip Technology MIC4607A Datasheet HTML 41Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 39
MIC4607A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a) MIC4607A-1YML-TR:
85V, Three-Phase MOSFET
Driver with Adaptive Dead-Time, Anti-
Shoot-Through and Overcurrent Protection,
Dual Inputs, -40°C to +125°C Temp. Range,
28-Pin VQFN, 5000/Reel.
b) MIC4607A-2YML-TR:
85V, Three-Phase MOSFET
Driver with Adaptive Dead-Time, Anti-
Shoot-Through and Overcurrent Protection,
Single PWM Input, -40°C to +125°C Temp.
Range, 28-Pin VQFN, 5000/Reel.
c) MIC4607A-2YML-TRVAO:
85V, Three-Phase MOS-
FET Driver with Adaptive Dead-Time, Anti-
Shoot-Through and Overcurrent Protection,
Single PWM Input, –40°C to +125°C Temp.
Range, 28-Pin VQFN, 5000/Reel,
Automotive Qualified
PART NO.
Device
Device:
MIC4607A:
85V, Three-Phase MOSFET Driver with
Adaptive Dead-Time, Anti-Shoot-
Through and Overcurrent Protection
Input Option:
1
= Dual Inputs
2
= Single PWM Input
Temperature
Range:
Y= -40
C to +125C (RoHS Compliant)
Package:
ML
= 28-lead VQFN
Media Type:
TR
= 5000/Reel
Qualification:
<blank>= Standard part
VAO
= Automotive AEC-Q100 Qualified
XX
Package
-XX
Media
Type
XXX
Qualification
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip sales office for
package availability for the Tape and Reel option.
X
Junction
Temp.
Range
-X
Input
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com