Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607A Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 25Page - Microchip Technology MIC4607A Datasheet HTML 26Page - Microchip Technology MIC4607A Datasheet HTML 27Page - Microchip Technology MIC4607A Datasheet HTML 28Page - Microchip Technology MIC4607A Datasheet HTML 29Page - Microchip Technology MIC4607A Datasheet HTML 30Page - Microchip Technology MIC4607A Datasheet HTML 31Page - Microchip Technology MIC4607A Datasheet HTML 32Page - Microchip Technology MIC4607A Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 29
MIC4607A
7.0
MOTOR APPLICATIONS
Figure 7-1 illustrates an automotive motor application.
The 12V battery input voltage can see peaks as high as
60V during a load dump event. The 85V-rated
MIC4607A drives six MOSFETs that provide power to
the BLDC motor.
A current-sense resistor senses the peak motor cur-
rent. The voltage across this resistor is monitored by
the OC circuit in the MIC4607A, which provides over-
current protection for the application. The 120V rating
of the MIC5281 series of LDOs provide input surge
voltage protection, while regulating the battery voltage
down to 3.3V and 10V to 12V for the microcontroller
and gate driver respectively. This circuit can also be
used for power tool applications, where the battery volt-
age carries high-voltage peaks and surges.
Figure 7-2 is a block diagram for a 24V motor drive
application. The regulated 24V bus allows the use of
lower input voltage LDOs, such as the MIC5239-3.3
and MIC5234. This circuit configuration can be used in
industrial applications.
Figure 7-3 illustrates an off-line motor application. Add-
ing an off-line power supply to the front end allow the
MIC4607A to be used in applications such as blenders
and other white goods as well as ceiling fan applica-
tions. The circuit consists of an MIC38C44 based AC/
DC power supply, that is used to generate 24 VDC to
power a BLDC motor. The MIC4607A drives the six
MOSFETs that provide power to the motor.
The MIC4607A can also be used in low and mid-volt-
age inverter applications. Figure 7-4 shows how power
generated by a spinning (or breaking) motor can be
used to generate DC power to a load or provide power
for battery-charging applications.
The MIC4607A can sink as much as 1A, which is
enough current to overcome the MOSFET's input
capacitance and switch the MOSFET up to 50 kHz.
FIGURE 7-1:
Automotive or Power Tool Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com