Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607A Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC4607A Datasheet HTML 18Page - Microchip Technology MIC4607A Datasheet HTML 19Page - Microchip Technology MIC4607A Datasheet HTML 20Page - Microchip Technology MIC4607A Datasheet HTML 21Page - Microchip Technology MIC4607A Datasheet HTML 22Page - Microchip Technology MIC4607A Datasheet HTML 23Page - Microchip Technology MIC4607A Datasheet HTML 24Page - Microchip Technology MIC4607A Datasheet HTML 25Page - Microchip Technology MIC4607A Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
MIC4607A
DS-20006957A-page 22
 2024 Microchip Technology Inc. and its subsidiaries
6.0
APPLICATION INFORMATION
6.1
Adaptive Dead-Time
For each phase, it is important that both MOSFETs of
the same phase branch are not conducting at the same
time or VIN will be shorted to ground and current will
“shoot
through”
the
MOSFETs.
Excessive
shoot-through causes higher power dissipation in the
MOSFETs, voltage spikes and ringing. The high switch-
ing current and voltage ringing generate conducted and
radiated EMI.
Minimizing shoot-through can be done passively,
actively or through a combination of both. Passive
shoot-through protection can be achieved by imple-
menting delays between the high and low gate drivers
to prevent both MOSFETs from being on at the same
time. These delays can be adjusted for different appli-
cations. Although simple, the disadvantage of this
approach is that it requires long delays to account for
process and temperature variations in the MOSFET
and MOSFET driver.
Adaptive Dead-Time monitors voltages on the gate
drive outputs and switch node to determine when to
switch the MOSFETs on and off. This active approach
adjusts the delays to account for some of the varia-
tions, but it too has its disadvantages. High currents
and fast switching voltages in the gate drive and return
paths can cause parasitic ringing to turn the MOSFETs
back on even while the gate driver output is low.
Another disadvantage is that the driver cannot monitor
the gate voltage inside the MOSFET. Figure 6-1 shows
an equivalent circuit of the high-side gate drive.
FIGURE 6-1:
MIC4607A Driving an
External MOSFET.
The internal gate resistance (RG_FET) and any external
damping resistor (RG) and HS pin resistor (RHS), iso-
late the MOSFET’s gate from the driver output. There
is a delay between when the driver output goes low and
the MOSFET turns off. This turn-off delay is usually
specified in the MOSFET data sheet. This delay
increases when an external damping resistor is used.
The MIC4607A uses a combination of active sensing
and passive delay to ensure that both MOSFETs are
not on at the same time. Figure 6-2 illustrates how the
adaptive dead-time circuitry works.
FIGURE 6-2:
Adaptive Dead-Time Logic
Diagram.
A transition of HI to low and LI to high is caused by a
high level on the xPWM pin for the MIC4607A-2. This
causes the xLO pin to go low. The MIC4607A monitors
the xLO pin voltage and prevents the xHO pin from
turning on until the voltage on the xLO pin reaches the
VLOOFF threshold. After a short delay, the MIC4607A
drives the xHO pin high. Monitoring the xLO voltage
eliminates any excessive delay due to the MOSFET
driver’s turn-off time and the short delay accounts for
the MOSFET turn-off delay as well as letting the xLO
pin voltage settle out. If an external resistor is used
between the xLO output and the MOSFET gate, it must
be made small enough to prevent excessive voltage
drop across the resistor during turn-off. Figure 6-3 illus-
trates using a diode (DLS) and resistor (RLS2) in parallel
with the gate resistor to prevent a large voltage drop
between the xLO pin and MOSFET gate voltages
during turn-off.
FIGURE 6-3:
Low-Side Drive Gate
Resistor Configuration.
A low on the xPWM pin causes HI to go high and LO to
go low. This causes the xHO pin to go low after a short
delay (tHOOFF). Before the xLO pin can go high, the
voltage on the switching node (xHS pin) must have
dropped to 2.2V. Monitoring the switch voltage instead
of the xHO pin voltage eliminates timing variations and
012
013
014
567589 ÿ
57


3
8

8
57
8
49
8
4



2
8
12

9
MIC4607A
Level
Shift
C
VDD
VDD
VSS
R
LS1
R
LS2
D
LS
R
HS
C
B
ALI
AHI
AHB
AHO
AHS
ALO
VIN
Q1
Q2
AST
LOW-SIDE
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com