Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R71 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8372ACPZ-R71
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R71 Datasheet(HTML) 3 Page - Analog Devices

  AD8372ACPZ-R71 Datasheet HTML 1Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 2Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8372
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = 5 V, T = 25°C, ZS = 150 Ω, ZL = 250 Ω at 35 MHz, 1 V p-p differential output, RXT1 = RXT2 = 2.0 kΩ, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT < 1 V p-p, CLOAD < 3pF
130
MHz
INPUT STAGE
Pin IPCI, Pin INC1, Pin IPC2, and Pin INC2
Maximum Input Swing at Each Input Pin
5
V p-p
Input Resistance
Differential
150
Ω
Common-Mode Input Voltage
2.4
V
CMRR
Gain code = 1x101010 (max gain)
55
dB
GAIN
Maximum Voltage Gain
Gain code = 1x101010
32
dB
Minimum Voltage Gain
Gain code = 1x000001
−9
dB
Gain Step Size
From gain code 1x000001 to 1x101010
1.0
dB
Gain Step Accuracy
From gain code 1x000001 to 1x101010
±0.3
dB
Gain Flatness
Gain code = 1x101010, from 5 MHz to 65MHz
0.7
dB
Gain Temperature Sensitivity
Gain code = 1x101010
7.5
mdB/°C
Step Response
For 6 dB gain step, 10% settling
20
ns
OUTPUT STAGE
Pin OPCI, Pin ONC1, Pin OPC2, and Pin ONC2
Output Voltage Swing
At P1dB, gain code = 1x101010
9
V p-p
Output Resistance
Differential
3.5
kΩ
Channel Isolation
Measured at differential output for differential input
applied to alternate channel
55
dB
NOISE/HARMONIC PERFORMANCE
5 MHz
Gain code = 1x101010 (max gain)
Noise Figure
7.8
dB
Second Harmonic
79
dBc
Third Harmonic
91
dBc
Output IP3
32
dBm
Output 1 dB Compression Point
18.2
dBm
35 MHz
Gain code = 1x101010 (max gain)
Noise Figure
7.8
dB
Second Harmonic
79
dBc
Third Harmonic
87
dBc
Output IP3
35
dBm
Output 1 dB Compression Point
18.1
dBm
65 MHz
Gain code = 1x101010 (max gain)
Noise Figure
7.9
dB
Second Harmonic
78
dBc
Third Harmonic
85
dBc
Output IP3
35
dBm
Output 1 dB Compression Point
17.9
dBm
85 MHz
Gain code = 1x101010
Noise Figure
8.1
dB
Second Harmonic
77
dBc
Third Harmonic
85
dBc
Output IP3
35
dBm
Output 1 dB Compression Point
17.7
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com