Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R71 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8372ACPZ-R71
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8372ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8372
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
DVS1
2
LCH1
3
SDI1
4
CLK1
5
CLK2
6
SDI2
7
LCH2
8
DVS2
24 OPC1
23 ONC1
22 AGD1
21 SDO1
20 SDO2
19 AGD2
18 ONC2
17 OPC2
TOP VIEW
(Not to Scale)
AD8372
Figure 4. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DVS1
Digital Supply Pin for Channel 1
2
LCH1
Latch Input for Channel 1
3
SDI1
Serial Data Input for Channel 1
4
CLK1
Clock Input for Channel 1
5
CLK2
Clock Input for Channel 2
6
SDI2
Serial Data Input for Channel 2
7
LCH2
Serial Data Input for Channel 2 Latch Input for Channel 2
8
DVS2
Digital Supply Pin for Channel 2
9
DGD2
Digital Ground for Channel 2
10
INC2
Negative Input for Channel 2
11
IPC2
Positive Input for Channel 2
12
REF2
Reference Voltage for Channel 2
13
RXT2
External Bias Setting Resistor Connection for Channel 2
14
AGD2
Analog Ground for Channel 2
15
ENB2
Chip Enable Pin for Channel 2
16
AVS2
Analog Supply Pin for Channel 2
17
OPC2
Positive Output for Channel 2
18
ONC2
Negative Output for Channel 2
19
AGD2
Analog Ground for Channel 2
20
SDO2
Serial Data Output for Channel 2
21
SDO1
Serial Data Output for Channel 1
22
AGD1
Analog Ground for Channel 1
23
ONC1
Negative Output for Channel 1
24
OPC1
Positive Output for Channel 1
25
AVS1
Analog Supply Pin for Channel 1
26
ENB1
Chip Enable Pin for Channel 1
27
AGD1
Analog Ground for Channel 1
28
RXT1
External Bias Setting Resistor Connection for Channel 1
29
REF1
Reference Voltage for Channel 1
30
IPC1
Positive Input for Channel 1
31
INC1
Negative Input for Channel 1
32
DGD1
Digital Ground for Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com