Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R71 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8372ACPZ-R71
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R71 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8372ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8372
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
The AD8372 is a dual differential variable gain amplifier. Each
amplifier consists of a 150 Ω digitally controlled 6 dB attenuator
followed by a 1 dB vernier and a fixed gain transconductance
amplifier.
The differential output on each amplifier consists of a pair of
open-collector transistors. It is recommended that each open-
collector output be biased to +5 V with a high value inductor.
A 33 μH inductor, such as the Coilcraft® 1812LS-333XJL, is an
excellent choice for this component. A 250 Ω resistor should be
placed across the differential outputs to provide a current-to-
voltage conversion and as a source impedance for passive
filtering, post AD8372.
The gain for each side is based on a 250 Ω differential load and
varies as the RLOAD changes per the following equations:
Gain = 20log(RLOAD/250), for voltage gain
Gain = 10log(RLOAD/250), for power gain
The dependency of the gain on the load is due to the open-
collector output stage that is biased using external chokes. The
inductance of the chokes and the resistance of the load deter-
mine the low frequency pole of the amplifier. The high frequency
pole is set by the parasitic capacitance of the chokes and outputs
in parallel with the output resistance.
The total supply current of 106 mA per side consists of 70 mA
for the combined outputs and about 36 mA through the power
supply pins. Each side has an external resistor (REXT) to ground
to set the transconductance of the output stage. For optimum
distortion, 106 mA total current per side is recommended,
making the REXT value about 2.0 kΩ. Each side has a 2.4 V
reference pin and that same common-mode voltage appears on
the inputs. This reference should be decoupled using a 0.1 μF
capacitor. The part can be powered down to less than 2.6 mA by
setting the ENB pin low for the appropriate side.
The noise figure of the AD8372 is 7.8 dB at maximum gain and
increases as the gain is reduced. The increase in noise figure is
equal to the reduction in gain.
The linearity of the part measured at the output is first-order
independent of the gain setting.
Layout considerations should include minimizing capacitance
on the outputs by avoiding ground planes under the chokes, and
equalizing the output line lengths for phase balance.
SINGLE-ENDED AND DIFFERENTIAL SIGNALS
The AD8372 was designed to be used by applying differential
signals to the inputs and using the differential output drive of
the device to drive the next device in the signal chain. The
excellent distortion performance of the AD8372 is due
primarily to the use of differential signaling techniques to
cancel various distortion components in the device. In addition,
all ac characterization was done using differential signal paths.
Using this device with either the input or the output in a single-
ended circuit significantly degrades the overall performance of
the AD8372.
PASSIVE FILTER TECHNIQUES
The AD8372 has a 100 Ω differential input impedance. For
optimal performance, the differential output load should be
250 Ω. When designing passive filters around the AD8372,
these impedances must be taken into account.
DIGITAL GAIN CONTROL
The digital gain control interface consists of four pins: SDI,
SDO, CLK, and LATCH. The interface is active when the
LATCH pin is shifted low. Gain words are written into the
AD8372 via the SDI pin, and read back from the SDO pin. The
first bit clocked into the data input pin determines whether the
interface is in write or read mode. The second bit is a don’t care
bit, while the remaining six bits program the gain. In read
mode, the SDO pin clocks out the 6-bit gain word, LSB to MSB.
The gain can be programmed between −9 dB and 32 dB in 1 dB
steps. Timing details are given in Figure 2 and Figure 3. The
gain code table is given in Table 3.
DRIVING ANALOG-TO-DIGITAL CONVERTERS
The AD8372 was designed with the intention of driving high
speed, high dynamic range ADCs. The circuit in Figure 14
represents a simplified front end of one-half of the AD8372 dual
VGA driving an AD9445 14-bit, 125 MHz analog-to-digital
converter. The input of the AD8372 is driven differentially
using a 1:3 impedance ratio transformer, which also matches
the 150 Ω input resistance to a 50 Ω source. The open-collector
outputs are biased through the 33 μH inductors and are ac-
coupled from the 142 Ω load resistors that, in parallel with the
2 kΩ input resistance of the ADC, provide a 250 Ω load for gain
accuracy. The ADC is ac-coupled from the 142 Ω resistors to
negate a dc affect on the input common-mode voltage of the
AD9445. Including the series 33 Ω resistors improves the
isolation of the AD8372 from the switching currents caused by
the ADC input sample and hold. The AD9445 represents a 2 kΩ
differential load and requires a 2 V p-p signal when VREF = 1 V
for a full-scale output. This circuit provides variable gain,
isolation, and source matching for the AD9445. Using this
circuit with the AD8372 in a gain of 32 dB (maximum gain), an
SFDR performance of 74.5 dBc is achieved at 85 MHz. See
Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com