Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R71 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8372ACPZ-R71
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R71 Datasheet(HTML) 5 Page - Analog Devices

  AD8372ACPZ-R71 Datasheet HTML 1Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 2Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8372
Rev. 0 | Page 5 of 16
SERIAL CONTROL INTERFACE TIMING
DON'T CARE
WRITE BIT
LSB
LSB + 1
LSB + 2
MSB – 2
MSB – 1
MSB
tDH
tDS
tLH
tLS
tPW
tCLK
NOTES
1. THE FIRST SDI BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL GAIN WORD REGISTER. FOR A
WRITE OPERATION, THE FIRST BIT SHOULD BE A HIGH LOGIC LEVEL, FOR A READ OPERATION THE FIRST BIT SHOULD BE A LOGIC 1.
THE GAIN WORD BIT IS THEN REGISTERED INTO THE SDI PIN ON THE NEXT RISING CLOCK.
CLK1 OR CLK2
LCH1 OR LCH2
SDI1 OR SDI2
Figure 2. Write Mode Timing Diagram
tLH
tDH
tDS
tLS
tPW
tCLK
DC
DC
READ BIT
DC
DC
DC
DC
DC
LSB
LSB + 1
LSB + 2
MSB – 2
MSB – 1
MSB
NOTES
1. THE GAIN WORD BIT IS UPDATED AT THE SDO PIN ON THE FALLING CLOCK EDGE.
CLK1 OR CLK2
LCH1 OR LCH2
SDI1 OR SDI2
SDO1 OR SDO2
tD
Figure 3. Read Mode Timing Diagram
Table 3. Serial Programming Timing Parameters
Parameter
Min
Unit
Clock Pulse Width (tPW)
10
ns
Clock Period (tCK)
20
ns
Write Mode
Setup Time Data vs. Clock (tDS)
0.0
ns
Hold Time Data vs. Clock (tDH)
1.6
ns
Setup Time Latch vs. Clock (tLS)
−1.8
ns
Hold Time Latch vs. Clock (tLH)
2.0
ns
Read Mode
Clock to Data Out (tD)
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com