Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8372ACPZ-R71
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R71 Datasheet(HTML) 1 Page - Analog Devices

  AD8372ACPZ-R71 Datasheet HTML 1Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 2Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
41 dB Range, 1 dB Step Size,
Programmable Dual VGA
AD8372
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Dual independent digitally controlled VGA
Differential input and output
150 Ω differential input
Open-collector differential output
7.8 dB noise figure to 100 MHz @ maximum gain
HD2/HD3 better than 77 dBc for 1 V p-p differential output
−3 dB bandwidth of 150 MHz
41 dB gain range
1 dB step size ± 0.2 dB
Serial 8-bit bidirectional SPI control interface
Wide input dynamic range
Pin-programmable output stage
Power-down feature
Single 5 V supply: 106 mA per channel
32-lead LFCSP, 5 mm × 5 mm package
APPLICATIONS
Differential ADC drivers
CMTS upstream direct sampling receivers
CATV modem signal scaling
Generic RF/IF gain stages
Single-ended-to-differential conversion
FUNCTIONAL BLOCK DIAGRAM
ENB1
IPC1
INC1
CLK1
RXT2
LCH1
IPC2
INC2
REF1
SDI1
SDO1
REF2
OPC1
ONC1
RXT2
SDI2
LCH2
OPC2
ENB2
ONC2
SDO2
CLK2
POSTAMP
CHANNEL 1
POSTAMP
CHANNEL 2
REGISTERS
AND
GAIN DECODER
AD8372
Figure 1.
GENERAL DESCRIPTION
The AD8372 is a dual, digitally controlled, variable gain
amplifier that provides precise gain control, high IP3, and
low noise figure. The excellent distortion performance and
moderate signal bandwidth make the AD8372 a suitable
gain control device for a variety of multichannel receiver
applications.
For wide input dynamic range applications, the AD8372
provides a broad 41 dB gain range. The gain is programmed
through a bidirectional 4-pin serial interface. The serial inter-
face consists of a clock, latch, data input, and data output lines
for each channel.
The AD8372 provides the ability to set the transconductance of
the output stage using a single external resistor. The RXT1 and
RXT2 pins provide a band gap derived stable reference voltage
of 1.56 V. Typically 2.0 kΩ shunt resistors to ground are used to
set the maximum gain to a nominal value of 31 dB. The current
setting resistors can be adjusted to manipulate the gain and
distortion performance of each channel. This is a flexible
feature in applications where it is desirable to trade off distortion
performance for lower power consumption.
The AD8372 is powered on by applying the appropriate logic
level to the ENB1, ENB2 pins. When powered down, the AD8372
consumes less than 2.6 mA and offers excellent input-to-output
isolation. The gain setting is preserved when powered down.
Fabricated on an Analog Devices high frequency BiCMOS
process, the AD8372 provides precise gain adjustment capabilities
with good distortion performance. The quiescent current of the
AD8372 is typically 106 mA per channel. The AD8372 amplifier
comes in a compact, thermally enhanced 5 mm × 5 mm 32-lead
LFCSP package and operates over the temperature range of
−40°C to +85°C.


Similar Part No. - AD8372ACPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372ACPZ-R7 AD-AD8372ACPZ-R7 Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
More results

Similar Description - AD8372ACPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375 AD-AD8375 Datasheet
237Kb / 6P
24dB Range, 1dB Step Size Programmable VGA
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Pasternack Enterprises,...
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
Step Resolution of 1 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
Step Resolution of 1 dB
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
1.0 GHz DGA with 30 dB Range and 1 dB Step Size
9/2020-Revision 0
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com