Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 4 Page - Diodes Incorporated

  PI6CB332016A Datasheet HTML 1Page - Diodes Incorporated PI6CB332016A Datasheet HTML 2Page - Diodes Incorporated PI6CB332016A Datasheet HTML 3Page - Diodes Incorporated PI6CB332016A Datasheet HTML 4Page - Diodes Incorporated PI6CB332016A Datasheet HTML 5Page - Diodes Incorporated PI6CB332016A Datasheet HTML 6Page - Diodes Incorporated PI6CB332016A Datasheet HTML 7Page - Diodes Incorporated PI6CB332016A Datasheet HTML 8Page - Diodes Incorporated PI6CB332016A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
44
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Pin Number
Pin Name
Type
Description
32
OE9#_SBI_IN
Input
CMOS
SBI_EN = 0: OE mode
0 = Enable output 9, 1 = Disable output 9
SBI_EN = 1: SBI mode
This pin becomes SBI_IN pin.
For both OE mode and SBI mode, Internal pull up, PDT.
33
VDDCLK
Power
Clock Power supply.
34
Q9+
Output
Diff.
True clock output.
35
Q9-
Output
Diff.
Complementary clock output.
36
OE8#
Input
CMOS Active low input for enabling output 8. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
37
Q8+
Output
Diff.
True clock output.
38
Q8-
Output
Diff.
Complementary clock output.
39
OE7#
Input
CMOS Active low input for enabling output 7. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
40
Q7+
Output
Diff.
True clock output.
41
Q7-
Output
Diff.
Complementary clock output.
42
Q6+
Output
Diff.
True clock output.
43
Q6-
Output
Diff.
Complementary clock output.
44
VDDCLK
Power
Clock Power supply.
45
OE6#
Input
CMOS Active low input for enabling output 6. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
46
Q5+
Output
Diff.
True clock output.
47
Q5-
Output
Diff.
Complementary clock output.
48
OE5#_SBI_CLK
Input
CMOS
SBI_EN = 0: OE mode
0 = Enable output 5, 1 = Disable output 5
SBI_EN = 1: SBI mode
This pin becomes SBI_CLK pin.
For both OE mode and SBI mode, Internal pull up, PDT.
49
Q4+
Output
Diff.
True clock output.
50
Q4-
Output
Diff.
Complementary clock output.
51
OE4#
Input
CMOS Active low input for enabling output 4 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
52
Q3+
Output
Diff.
True clock output.
53
Q3-
Output
Diff.
Complementary clock output.
54
OE3#
Input
CMOS Active low input for enabling output 3. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com