Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6CB332016A Datasheet HTML 1Page - Diodes Incorporated PI6CB332016A Datasheet HTML 2Page - Diodes Incorporated PI6CB332016A Datasheet HTML 3Page - Diodes Incorporated PI6CB332016A Datasheet HTML 4Page - Diodes Incorporated PI6CB332016A Datasheet HTML 5Page - Diodes Incorporated PI6CB332016A Datasheet HTML 6Page - Diodes Incorporated PI6CB332016A Datasheet HTML 7Page - Diodes Incorporated PI6CB332016A Datasheet HTML 8Page - Diodes Incorporated PI6CB332016A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
33
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Pin Number
Pin Name
Type
Description
5
SDATA
I/O
CMOS Data pin for SMBus interface.
6
SCLK
Input
CMOS Clock pin of SMBus interface.
7
VDDDIG
Power
Digital power.
8
IN+
Input
Diff.
True clock input. PDT. Internal pull down.
9
IN-
Input
Diff.
Complementary clock input. Internal pull up.
10
OE15#
Input
CMOS Active low input for enabling output 15. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
11
OE14#
Input
CMOS Active low input for enabling output 14. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
12
VDDCLK
Power
Clock power supply.
13
Q15+
Output
Diff.
True clock output.
14
Q15-
Output
Diff.
Complementary clock output.
15
Q14+
Output
Diff.
True clock output.
16
Q14-
Output
Diff.
Complementary clock output.
17
SBI_EN
Input
CMOS
0 = SBI is disabled. 1 = SBI is enabled.
Internal pull down, PDT.
18
PWRGD_PWRDN#
Input
CMOS
1 = power good mode, I2C address is latched. 0= power down mode.
Internal pull up, PDT.
19
VDDCLK
Power
Clock power supply.
20
OE13#_SHFT_LD#
Input
CMOS
SBI_EN = 0: OE mode
0 = Enable output 13, 1 = Disable output 13
SBI_EN = 1: SBI mode
This pin becomes SHFT_LD pin.
For both OE mode and SBI mode, Internal pull up, PDT
21
Q13+
Output
Diff.
True clock output.
22
Q13-
Output
Diff.
Complementary clock output.
23
Q12+
Output
Diff.
True clock output.
24
Q12-
Output
Diff.
Complementary clock output.
25
OE12#
Input
CMOS Active low input for enabling output 12. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
26
Q11+
Output
Diff.
True clock output.
27
Q11-
Output
Diff.
Complementary clock output.
28
OE11#
Input
CMOS Active low input for enabling output 11. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.
29
Q10+
Output
Diff.
True clock output.
30
Q10-
Output
Diff.
Complementary clock output.
31
OE10#
Input
CMOS Active low input for enabling output 10. 0 = Enable output, 1 = Disable
output. Internal pull up, PDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com