Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016A Datasheet(PDF) 21 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 17Page - Diodes Incorporated PI6CB332016A Datasheet HTML 18Page - Diodes Incorporated PI6CB332016A Datasheet HTML 19Page - Diodes Incorporated PI6CB332016A Datasheet HTML 20Page - Diodes Incorporated PI6CB332016A Datasheet HTML 21Page - Diodes Incorporated PI6CB332016A Datasheet HTML 22Page - Diodes Incorporated PI6CB332016A Datasheet HTML 23Page - Diodes Incorporated PI6CB332016A Datasheet HTML 24Page - Diodes Incorporated PI6CB332016A Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
21
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Byte 39: WRITE_LOCK_CLEAR_ LOS_EVENT
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Reserved
RW1C
1'b000000
6
RW1C
5
RW1C
4
RW1C
3
RW1C
2
RW1C
1
LOS_EVT
LOS Event Status
When high, indicates that a LOS event was
detected. Can be cleared by writing a 1 to it.
RW1C
0
0 = No LOS event detected
1 = LOS event detected.
0
WRITE_LOCK_
RW1C
Clearable SMBus Write Lock bit.
When written to one, the SMBus control regis-
ters cannot be written to. This bit can be cleared
by writing a 1 to it.
RW1C
0
0 = SMBus not locked for writ-
ing by this bit. See WRITE_
LOCK bit.
1 = SMBus locked for writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com