Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016A Datasheet(PDF) 22 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 18Page - Diodes Incorporated PI6CB332016A Datasheet HTML 19Page - Diodes Incorporated PI6CB332016A Datasheet HTML 20Page - Diodes Incorporated PI6CB332016A Datasheet HTML 21Page - Diodes Incorporated PI6CB332016A Datasheet HTML 22Page - Diodes Incorporated PI6CB332016A Datasheet HTML 23Page - Diodes Incorporated PI6CB332016A Datasheet HTML 24Page - Diodes Incorporated PI6CB332016A Datasheet HTML 25Page - Diodes Incorporated PI6CB332016A Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
22
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Applications Information
Power Down Tolerant Pins
Pins that are Power Down Tolerant (PDT) can be driven by voltages as high as the normal VDD of the chip, even though VDD is not
present (the device is not powered). There will be no ill effects to the device and it will power up normally. This feature supports disag-
gregation, where the PI6CB3320xx may be on one circuit board and devices that interface with it are on other boards. These boards may
power up at different times, driving pins on the PI6CB3320xx before it has received power.
Flexible Startup Sequencing
PI6CB3320xx devices support Flexible Startup Sequencing (FSS), IN+/- pins are PDT. FSS allows application of CLKIN at different
times in the device/system startup sequence. FSS is an additional feature that helps the system designer manage the impact of disag-
gregation. Table shows the supported sequences; that is, the PI6CB3320xx devices can have CLKIN running before VDD is applied, and
can have VDD applied and sit for extended periods with no input clock.
Loss of Signal and Automatic Clock Parking
The PI6CB3320xx buffers have a Loss of Signal (LOS) circuit to detect the presence or absence of an input clock. The LOS circuit drives
the open-drain LOS# pin (the “#” suffix indicates “bar”, or active-low) and sets the LOS_EVT bit in the SMBus register space. There are
two slightly different LOS# pin behaviors at power up. Figure 4 and Figure 5 show the LOS# de-assertion timing for the 4, 8, 13, 16 and
20-output buffers. CLKIN is represented differentially in Figure 4 and Figure 5.
a+
b+
1st Clock
Release
c+
d
LOSDeassert
typ
e+
f
LOSDeassert
max
VDD
CLKIN
LOS#
Figure 4. LOS# De-assert Timing for 4/8/13/16 Outputs
Note: The LOS circuit on the 16-output buffer requires a CLKIN edge to release the LOS# pin after power up. So, the LOS# pin will be high until the first clock edge after
power up.
c+
d
LOSDeassert
typ
e+
f
LOSDeassert
max
VDD
CLKIN
LOS#
Figure 5. LOS# De-assert Timing for 20 Outputs
Figure 5 shows the LOS# de-assertion timing for the 20-output buffers. LOS# on the 20-output buffers defaults to low at power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com