Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB332016A Datasheet HTML 1Page - Diodes Incorporated PI6CB332016A Datasheet HTML 2Page - Diodes Incorporated PI6CB332016A Datasheet HTML 3Page - Diodes Incorporated PI6CB332016A Datasheet HTML 4Page - Diodes Incorporated PI6CB332016A Datasheet HTML 5Page - Diodes Incorporated PI6CB332016A Datasheet HTML 6Page - Diodes Incorporated PI6CB332016A Datasheet HTML 7Page - Diodes Incorporated PI6CB332016A Datasheet HTML 8Page - Diodes Incorporated PI6CB332016A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
11
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
A Product Line of
Diodes Incorporated
PI6CB332016A
16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
IN-
IN+
SADR[1:0]_TRI
SCLK
SDATA
PWRGD_PWRDN#
SLEWRATE_SEL
OE#
SBI_IN
SBI_CLK
SHFT_LD#
SBI_EN
Q15-
Q15+
Q0-
Q0+
SMBUs
Engine
Side-Band
Interface
Clock Detect
Control Logic
LOS#
SBI_OUT
b
P
Lead-free Green
Block Diagram
Features
y
16 Low-Power HCSL Outputs with On-Chip Termination
y
85Ω Output Impedance
y
Individual Output Enable
y
Supports I/O Power Down Tolerant
y
Flexible Startup Power Sequencing
y
Automatic Output Clock Parking Upon Loss of Input Clock
y
Up to 9 Selectable SMBus Addresses
y
Supports SBI OE# Interface
y
Differential Output-to-Output Skew <50ps
y
Additive Phase Jitter
à
PCIe 5.0: Typical 5fs RMS
à
PCIe 6.0: Typical 3fs RMS
à
DB2000QL: Typical 10fs RMS
y
3.3V Supply Voltage
y
Temperature Range: -40oC to 105oC
y
Packaging (Pb-free & Green):
à
64-Pin, TQFN 9mm x 9mm (ZD)
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Description
The PI6CB332016A is a low-power PCIe® 5.0/6.0 clock buffer. It
takes a reference input to fanout 16 low-power differential HCSL
outputs up to 400MHz, with on-chip terminations for 85Ω out-
put impedance. An individual OE pin for each output provides
easier power management. The device also supports Power Down
Tolerant (PDT), automatic output clock parking upon loss of in-
put clock, and Flexible Startup Sequencing features.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds.


Similar Part No. - PI6CB332016A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332016A DIODES-PI6CB332016A Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
PI6CB332016A DIODES-PI6CB332016A Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332016AZDEX-13R DIODES-PI6CB332016AZDEX-13R Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
More results

Similar Description - PI6CB332016A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Diodes Incorporated
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
16 Output LVPECL Fanout Buffer
Rev 1-2
PI6C5921516 DIODES-PI6C5921516 Datasheet
1Mb / 14P
16 Output LVDS Fanout Buffer
Rev 1-2
PI6CBE33045 DIODES-PI6CBE33045 Datasheet
924Kb / 21P
Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33085 DIODES-PI6CBE33085 Datasheet
997Kb / 22P
Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33125 DIODES-PI6CBE33125 Datasheet
972Kb / 22P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
6V31021 RENESAS-6V31021 Datasheet
285Kb / 10P
4-OUTPUT LOW POWER FANOUT BUFFER FOR PCIE GEN3 AND 10G ETHERNET
Mar 2020
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com