Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090BS Datasheet(PDF) 8 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 8 Page - Micronas

Back Button MAS9090BS Datasheet HTML 4Page - Micronas MAS9090BS Datasheet HTML 5Page - Micronas MAS9090BS Datasheet HTML 6Page - Micronas MAS9090BS Datasheet HTML 7Page - Micronas MAS9090BS Datasheet HTML 8Page - Micronas MAS9090BS Datasheet HTML 9Page - Micronas MAS9090BS Datasheet HTML 10Page - Micronas MAS9090BS Datasheet HTML 11Page - Micronas MAS9090BS Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
DA9090B.001
January 14, 1998
8
TRANSMISSION CHARACTERISTICS
x Absolute levels at MIC1/MIC2/MIC3
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Unit
0 dBm0 level
Transmit amps connected for 20 dB gain
49.26
mVRMS
Overload level
70.71
mVRMS
0 dBm0 level
Transmit amps connected for 42.5 dB gain
3.694
mVRMS
Overload level
5.302
mVRMS
x Absolute levels at SP1 / SP2 (differentially measured)
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Unit
0 dBm0 level
Receive gains = 0 dB
1.965
VRMS
0 dBm0 level
Receive gains = -30 dB
61.85
mVRMS
x Transmit path amplitude response
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Transmit gain absolute
accuracy, HPT = 0
HPT = 1
GXA
TX
gain
set
to
maximum,
measure deviation of digital PCM
code from ideal 0 dBm0 PCM
code at TX
-0.5
-0.4
0
0.1
0.5
0.6
dB
Transmit gain variation
with programmed gain
GXAG
Measure TX gain over the range
(from max to min). Calculate the
deviation from the programmed
gain relative to GXA, i.e. GXAG =
Gactual - Gprog - GXA
-0.5
0.5
dB
Transmit gain variation
with temperature
GXAT
Measured relative to GXA
min. gain < GX < max. gain
-0.1
0.1
dB
Transmit gain variation
with supply
GXAV
Measured relative to GXA
GX = maximum gain
-0.1
0.1
dB
Transmit gain variation
with frequency
GXAF
Relative
to
1.015625
kHz,
multitone test technique used
min. gain < GX < max. gain
HPT=0
f = 60 Hz
-34
-33
dB
f = 100 Hz
-36
-35
f = 200 Hz
-11
-10
f = 300 Hz
-1.5
-0.7
0.5
f = 400 Hz to 3000 Hz
-0.5
0.5
f = 3400 Hz
-1.5
-1.3
0.0
f = 4000 Hz
-17
-16
f = 4600 Hz
-62
-61
f = 8000 Hz
-68
-67
HPT=1
f = 60 Hz to 3000 Hz
f = 3000 to 8000 Hz, see HPT=0
-0.5
0.5
dB
Transmit gain variation
with signal level
GXAL
Sinusoidal test method
reference level = -10 dBm0
VMIC = -40 dBm0 to +3.0 dBm0
-0.5
0.5
dB
VMIC = -50 dBm0 to -40 dBm0
-0.5
0.5
VMIC = -55 dBm0 to -50 dBm0
-1.2
1.2
Tone
Generator
gain
absolute accuracy
GXTONE
Measure deviation of digital PCM
code from ideal 0dBm0 PCM
code at TX
-0.3
0.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com