Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090BS Datasheet(PDF) 11 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 11 Page - Micronas

Back Button MAS9090BS Datasheet HTML 7Page - Micronas MAS9090BS Datasheet HTML 8Page - Micronas MAS9090BS Datasheet HTML 9Page - Micronas MAS9090BS Datasheet HTML 10Page - Micronas MAS9090BS Datasheet HTML 11Page - Micronas MAS9090BS Datasheet HTML 12Page - Micronas MAS9090BS Datasheet HTML 13Page - Micronas MAS9090BS Datasheet HTML 14Page - Micronas MAS9090BS Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DA9090B.001
January 14, 1998
11
TRANSMISSION CHARACTERISTICS
x Distortion
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal to total distortion TX
(up to 35 dB gain)
STDTX
Sinusoidal test method (Linear
300 Hz to 3400 Hz weighting).
Typical values measured
Level = 0 dBm0
56
64
dB
with 35 dB gain
Level = -6 dBm0
50
60
Level = -10 dBm0
48
57
Level = -20 dBm0
43
53
Level = -30 dBm0
38
44
Level = -45 dBm0
24
29
Level = -55 dBm0
15
19
Single
frequency
distortion
transmit
SDTX
0 dBm0 input signal
-70
-56
dB
Signal
to
total
distortion
SP1/SP2
(up to 20 dB attenuation)
STDSP1
STDSP2
Sinusoidal test method (Linear
300 Hz to 3400 Hz weighting).
Load is 1000 or 30
Ω.
Level = -6 dBm0
45*
50
60
dB
Level = -10 dBm0
45*
48
60
Level = -20 dBm0
43*
43
55
Level = -30 dBm0
38*
38
50
Level = -45 dBm0
24*
24
40
Level = -55 dBm0
15*
15
28
Single
frequency
distortion
receive SP1/SP2
SDSP1
SDSP2
-6 dBm0 input signal
-62
-45
dB
Signal to distortion of tone
generator signals
STONE
DTMF frequencies
Linear
300 Hz
to
3400
Hz
weighting.
28
42
dB
Intermodulation
IMD
Loop around measurement
voltage at MIC = -10 dBm0 to -
27 dBm0, 2 frequencies in the
range 300 Hz to 3400 Hz
-61
-46
dB
*max. load (30
Ω) and min. Vcc (2.7V)
x Crosstalk
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Transmit to receive
CTX-RX
Transmit level = 0 dBm0
f = 300 Hz to 3400 Hz
RX = quiet PCM code
-82
-65
dB
Receive to transmit
CRX-TX
Receive level = -6 dBm0
f = 300 Hz to 3400 Hz
MIC = 0V
-75
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com