Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090BS Datasheet(PDF) 19 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 19 Page - Micronas

Back Button MAS9090BS Datasheet HTML 15Page - Micronas MAS9090BS Datasheet HTML 16Page - Micronas MAS9090BS Datasheet HTML 17Page - Micronas MAS9090BS Datasheet HTML 18Page - Micronas MAS9090BS Datasheet HTML 19Page - Micronas MAS9090BS Datasheet HTML 20Page - Micronas MAS9090BS Datasheet HTML 21Page - Micronas MAS9090BS Datasheet HTML 22Page - Micronas MAS9090BS Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DA9090B.001
January 14, 1998
19
FUNCTIONAL DESCRIPTION
x Registers
Register Map
Register
Address Byte
I/O
Data Byte
76
54
3
2
1
0
76
5
4
3
2
10
Power
P
X
X
X
X
X
0
X
CR0
P
0
0
0
0
0
1
X
Write
F1
F0
CM
MA
IA
FF
B7
DL
P
0
0
0
0
1
1
X
Read
CR1
P
0
0
0
1
0
1
X
Write
DM1
DM0
DO
MR
MX
EN
TS
SV
P
0
0
0
1
1
1
X
Read
CR2
P
0
0
1
0
0
1
X
Write
Input data [0:7]
P
0
0
1
0
1
1
X
Read
CR3
P
0
0
1
1
0
1
X
Write
Output data [0:7]
P
0
0
1
1
1
1
X
Read
CR4
P
0
1
0
0
0
1
X
Write
VS
TE
SI
OE1
OE2
RTE
HPR
SE
P
0
1
0
0
1
1
X
Read
CR5
P
0
1
0
1
0
1
X
Write
TX gain [4:7]
Side tone gain [0:3]
P
0
1
0
1
1
1
X
Read
CR6
P
0
1
1
0
0
1
X
Write
SP1 gain [4:7]
SP2 gain [0:3]
P
0
1
1
0
1
1
X
Read
CR7
P
0
1
1
1
0
1
X
Write
Tone gain [4:7]
F1
F2
SN
DE
P
0
1
1
1
1
1
X
Read
CR8
P
1
0
0
0
0
1
X
Write
Binary word used for calculating f1
P
1
0
0
0
1
1
X
Read
CR9
P
1
0
0
1
0
1
X
Write
Binary word used for calculating f2
P
1
0
0
1
1
1
X
Read
CR10
P
1
0
1
0
0
1
X
Write
POR
SCA
HPT
EXT
LI
LO
DFT
HFT
P
1
0
1
0
1
1
X
Read
CR11
P
1
0
1
1
0
1
X
Write
BE
BI
Duty cycle for BZ (0:5)
P
1
0
1
1
1
1
X
Read
CR14
X
X
X
X
X
X
X
X
For testing purposes only
Address byte bits:
•
Bit 0 reserved for future extensions
•
Bit 1 indicates the presence of a second byte. If cleared indicates single byte power up/down command
•
Bit 2 is write/read select bit
•
Bits 6 to 3 contain the address of register
•
Registers CR12, CR13, CR15 are not accessible
•
MSB bit (bit 7) of the address and data byte is always clocked first into or out from CI and CO pins
•
Bit 7 ‘P’ controls the power up/down state of the chip. P = 1 means power down
Data bits:
•
All registers are cleared during power on reset or by writing to bit POR of CR10
•
Default value for all bits is zero.
Notice the difference between power down and POR. Registers can be written in both power down/up states and
they retain their values in power down. Both data and control registers are cleared when POR bit (in CR10) is
written high or during power on reset (i.e. Vcc transition from 0 volts to 3-5 volts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com