Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090BS Datasheet(PDF) 22 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 22 Page - Micronas

Back Button MAS9090BS Datasheet HTML 18Page - Micronas MAS9090BS Datasheet HTML 19Page - Micronas MAS9090BS Datasheet HTML 20Page - Micronas MAS9090BS Datasheet HTML 21Page - Micronas MAS9090BS Datasheet HTML 22Page - Micronas MAS9090BS Datasheet HTML 23Page - Micronas MAS9090BS Datasheet HTML 24Page - Micronas MAS9090BS Datasheet HTML 25Page - Micronas MAS9090BS Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
DA9090B.001
January 14, 1998
22
FUNCTIONAL DESCRIPTION
Control register CR6
7
6
5
4
3
2
1
0
Function
Earpiece Gain
(SP1)
Extra Gain
(SP2)
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
*
-2 dB gain
in -2 dB steps
-30 dB gain
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
*
-2 dB gain
in -2 dB steps
-30 dB gain
Control register CR7
7
6
54
3210
Function
Tone gain
f1
f2
SN
DE
Attenuation
f1 dBm0
f2 dBm0
f1+f2 dBm0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
1
1
1
1
X
X
0
0
1
1
0
0
1
1
X
X
0
1
0
1
0
1
0
1
0
1
0 dB gain *
-3 dB
-6 dB
-9 dB
-12 dB
-15 dB
-18 dB
-21 dB
-24 dB
-27 dB
1.20 (2)
-25.80
-0.87 (2)
-27.87
-1.81 (2)
-28.81
0
0
1
1
0
1
0
1
f1 and f2 muted
*
f2 selected
f1 selected
f1 and f2 in summed mode
0
1
Squarewave signal selected
*
Sinewave signal selected
0
1
Normal operation
*
Tone/Ring generator connected to TX path
Control register CR8
7
654321
0
Function
d7
d6
D5
d4
d3
d2
d1
d0
msb
f1 control word
Control register CR9
7
654321
0
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
f2 control word
(2)
values are calculated from TX output, levels on RX are 6 dB smaller
X
don’t care
*
state at power on initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com