Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090BS Datasheet(PDF) 20 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 20 Page - Micronas

Back Button MAS9090BS Datasheet HTML 16Page - Micronas MAS9090BS Datasheet HTML 17Page - Micronas MAS9090BS Datasheet HTML 18Page - Micronas MAS9090BS Datasheet HTML 19Page - Micronas MAS9090BS Datasheet HTML 20Page - Micronas MAS9090BS Datasheet HTML 21Page - Micronas MAS9090BS Datasheet HTML 22Page - Micronas MAS9090BS Datasheet HTML 23Page - Micronas MAS9090BS Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
DA9090B.001
January 14, 1998
20
FUNCTIONAL DESCRIPTION
Control register CR0
7
6
5
4
3
2
1
0
Function
F1
F0
CM
MA
IA
FF
B7
DL
0
0
1
1
0
1
0
1
MCLK = 512 kHz
*
MCLK = 1536 kHz
MCLK = 2048 kHz
Not implemented
0
0
0
1
1
0
1
0
1
Linear code
*
2’s complement
*
sign and magnitude
2’s complement
1’s complement
1
0
0
1
1
0
1
0
1
Companded code
µ-Law: CCITT D3-D4
µ-Law: bare coding
A-Law: including even bit inversions
A-Law: bare coding
0
1
B1 and B2 consecutive
(1)*
B1 and B2 separated
(1)
0
1
8-bit time slot
(1)*
7-bit time slot
(1)
0
1
Normal operation (default)
*
Digital loop back (TX and RX muted)
Control register CR1
7
6
5
4
3
2
1
0
Function
TM1
TM0
DO
MR
MX
EN
TS
SV
0
1
1
X
0
1
Delayed data timing
*
Non-delayed normal data timing
Non-delayed reverse data timing
0
1
LO latch set to 1
*
LO latch set to 0
0
1
RX connected to RX path
*
CR2 connected to RX path
(1)
0
1
TX path connected to TX
*
CR3 connected to TX
(1)
0
1
Voice data transfer disable
*
Voice data transfer enable
0
1
B1 channel selected
(1)*
B2 channel selected
(1)
0
1
2.7-3.6V power supply
*
5.0V power supply
(1)
significant in companded mode only
*
state at power on initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com