Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2E220-AA40-05.. Datasheet(PDF) 3 Page - ebm-papst

Part # R2E220-AA40-05..
Description  AC centrifugal fan backward curved, single inlet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220-AA40-05.. Datasheet(HTML) 3 Page - ebm-papst

  R2E220-AA40-05.. Datasheet HTML 1Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 2Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 3Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 4Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 5Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC centrifugal fan
backward curved, single inlet
R2E220-AA40-05
Product drawing
1
Connection line PVC, 4x brass lead tips crimped
2
Accessory part: Inlet nozzle 09609-2-4013, not included in the standard scope of delivery
3
Screw depth max. 5 mm
4
Direction of rotation clockwise, seen on rotor
Item no.: 10282-5-9980 · Revision status: KM66668 · Print-out on 09/11/2010 · Created by Y. Uhlmann (VM-TDO) · Page 3 of 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone: +49(0)7938/81-0 · Fax: +49(0)7938/81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com