Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2E220-AA40-05.. Datasheet(PDF) 5 Page - ebm-papst

Part # R2E220-AA40-05..
Description  AC centrifugal fan backward curved, single inlet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220-AA40-05.. Datasheet(HTML) 5 Page - ebm-papst

  R2E220-AA40-05.. Datasheet HTML 1Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 2Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 3Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 4Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 5Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AC centrifugal fan
backward curved, single inlet
R2E220-AA40-05
Charts: Air flow 50 Hz
Druck Pfa [Pa] für Rho=1,2kg/m^3
V [m^3/h]
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
V [cfm]
500
450
400
350
300
250
200
150
100
50
0
390
380
370
360
350
340
330
320
310
300
290
280
270
260
250
240
230
220
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1,55
1,5
1,45
1,4
1,35
1,3
1,25
1,2
1,15
1,1
1,05
1
0,95
0,9
0,85
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
0
1
2
3
4
Measurement: LU-106763
Measured values
1
2
3
4
U
[V]
230
230
230
230
f
[Hz]
50
50
50
50
n
[min-1]
2405
2260
2155
2245
P1
[W]
85
91
94
91
I
[A]
0.38
0.39
0.41
0.40
V
[m3/h]
865
680
460
230
°
pfa
[Pa]
0
90
180
260
Item no.: 10282-5-9980 · Revision status: KM66668 · Print-out on 09/11/2010 · Created by Y. Uhlmann (VM-TDO) · Page 5 of 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone: +49(0)7938/81-0 · Fax: +49(0)7938/81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com