Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2E220-AA40-05.. Datasheet(PDF) 2 Page - ebm-papst

Part # R2E220-AA40-05..
Description  AC centrifugal fan backward curved, single inlet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220-AA40-05.. Datasheet(HTML) 2 Page - ebm-papst

  R2E220-AA40-05.. Datasheet HTML 1Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 2Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 3Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 4Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 5Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC centrifugal fan
backward curved, single inlet
R2E220-AA40-05
Technical features
Leackage current
< 0.75 mA
Size
220 mm
Operation mode
S1
Direction of rotation
Clockwise, seen on rotor
Mounting position
Shaft horizontal or rotor on bottom; rotor on top on request
Humidity class
F1-2
Insulation class
"B"
Cable exit
Variable
Condensate discharge holes
Rotor-side
Bearing motor
Ball bearing
Mass
1.3 kg
Material of impeller
PA plastic 6, fiberglass-reinforced
Motor protection
Thermal overload protector (TOP) wired internally
Product conforming to
standard
CE; EN 60335-1
Surface of rotor
Coated in black
Number of blades
11
Type of protection
IP 44; Depending on installation and position as per EN 60034-5
Protection class
I
Max. permissible ambient
motor temp. (transp./ storage)
+ 80 °C
Min. permissible ambient
motor temp. (transp./storage)
- 40 °C
Approval
CCC; GOST
Item no.: 10282-5-9980 · Revision status: KM66668 · Print-out on 09/11/2010 · Created by Y. Uhlmann (VM-TDO) · Page 2 of 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone: +49(0)7938/81-0 · Fax: +49(0)7938/81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com