Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2E220-AA40-05.. Datasheet(PDF) 6 Page - ebm-papst

Part # R2E220-AA40-05..
Description  AC centrifugal fan backward curved, single inlet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220-AA40-05.. Datasheet(HTML) 6 Page - ebm-papst

  R2E220-AA40-05.. Datasheet HTML 1Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 2Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 3Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 4Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 5Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC centrifugal fan
backward curved, single inlet
R2E220-AA40-05
Charts: Air flow 60 Hz
Druck Pfa [Pa] für Rho=1,2kg/m^3
V [m^3/h]
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
V [cfm]
550
500
450
400
350
300
250
200
150
100
50
0
460
440
420
400
380
360
340
320
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
1,85
1,8
1,75
1,7
1,65
1,6
1,55
1,5
1,45
1,4
1,35
1,3
1,25
1,2
1,15
1,1
1,05
1
0,95
0,9
0,85
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
Pf
a
[Pa
]
1
2
3
4
Measurement: LU-106764
Measured values
1
2
3
4
U
[V]
230
230
230
230
f
[Hz]
60
60
60
60
n
[min-1]
2490
2265
2020
2100
P1
[W]
84
90
94
93
I
[A]
0.37
0.39
0.41
0.40
V
[m3/h]
895
715
470
265
°
pfa
[Pa]
0
70
140
220
Item no.: 10282-5-9980 · Revision status: KM66668 · Print-out on 09/11/2010 · Created by Y. Uhlmann (VM-TDO) · Page 6 of 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone: +49(0)7938/81-0 · Fax: +49(0)7938/81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com