Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2E220-AA40-05.. Datasheet(PDF) 1 Page - ebm-papst

Part # R2E220-AA40-05..
Description  AC centrifugal fan backward curved, single inlet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220-AA40-05.. Datasheet(HTML) 1 Page - ebm-papst

  R2E220-AA40-05.. Datasheet HTML 1Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 2Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 3Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 4Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 5Page - ebm-papst R2E220-AA40-05.. Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC centrifugal fan
backward curved, single inlet
R2E220-AA40-05
ebm-papst Mulfingen GmbH & Co. KG
Bachmühle 2
D-74673 Mulfingen
Phone: +49(0)7938/81-0
Fax: +49(0)7938/81-110
info1@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
R2E220-AA40-05
Motor
M2E068-BF
Phase
1~
1~
Nominal voltage
[V]
230
230
Frequency
[Hz]
50
60
Type of data definition
rfa
rfa
Valid for approval / standard
CE
CE
Speed
[min-1] 2600
2700
Power input
[W]
85
90
Current draw
[A]
0.38
0.40
Motor capacitor
[µF]
3
2
Capacitor voltage
[VDB] 400
400
Capacitor standard
P0 (CE)
P0 (CE)
Min. back pressure
[Pa]
0
0
Max. ambient temperature
[°C]
40
40
ml = max. load · me = max. efficiency · rfa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Item no.: 10282-5-9980 · Revision status: KM66668 · Print-out on 09/11/2010 · Created by Y. Uhlmann (VM-TDO) · Page 1 of 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone: +49(0)7938/81-0 · Fax: +49(0)7938/81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - R2E220-AA40-05..

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E220-AA40-23 EBMPAPST-R2E220-AA40-23 Datasheet
88Kb / 1P
MOTORIZED IMPELLER
R2E220-AA40-23 EBMPAPST-R2E220-AA40-23 Datasheet
88Kb / 1P
Motorized Impeller
More results

Similar Description - R2E220-AA40-05..

ManufacturerPart #DatasheetDescription
logo
ETRI
564DH4LM19000 ETRI-564DH4LM19000 Datasheet
109Kb / 1P
DC Backward Curved Fans
565DH4LM19000 ETRI-565DH4LM19000 Datasheet
110Kb / 1P
DC Backward Curved Fans
566DH4LM19000 ETRI-566DH4LM19000 Datasheet
109Kb / 1P
DC Backward Curved Fans
logo
List of Unclassifed Man...
R1G175-AB63 ETC2-R1G175-AB63 Datasheet
317Kb / 1P
175mm Backward Curved
logo
ebm-papst
D2E146-HT67-01 EBMPAPST-D2E146-HT67-01 Datasheet
943Kb / 6P
AC centrifugal fan forward curved, dual inlet with housing (flange)
logo
List of Unclassifed Man...
R2E140-AS77-05 ETC2-R2E140-AS77-05 Datasheet
255Kb / 5P
AC centrifugal fan
logo
ebm-papst
R2E180-AT06-15 EBMPAPST-R2E180-AT06-15 Datasheet
176Kb / 5P
AC centrifugal fan
R3G310-RB01-03 EBMPAPST-R3G310-RB01-03 Datasheet
965Kb / 5P
backward curved, single inlet
R3G310-RR05-H1 EBMPAPST-R3G310-RR05-H1 Datasheet
1Mb / 5P
backward curved, single inlet
G2E160-AY47-01 EBMPAPST-G2E160-AY47-01 Datasheet
115Kb / 5P
AC centrifugal fan
09/08/2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com