Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LB36-RU002 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ALMD-LB36-RU002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALMD-LB36-RU002 Datasheet(HTML) 3 Page - Broadcom Corporation.

  ALMD-LB36-RU002 Datasheet HTML 1Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 2Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 3Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 4Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 5Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 6Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 7Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 8Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Rating, TJ = 25°C
Parameter
Red and Amber
Blue and Green
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
114
mW
Reverse Voltage
5 (IR = 100
PA)
5 (IR = 10
PA)
V
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4 & Figure 9
2. Duty Factor 30%, frequency 1KHz.
3. Duty Factor 10%, frequency 1KHz.
Electrical / Optical Characteristics, TJ = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Amber
Green
Blue
VF
1.8
1.8
2.8
2.8
2.1
2.1
3.2
3.2
2.4
2.4
3.8
3.8
VIF = 20 mA
Reverse Voltage
Red & Amber
Green & blue
VR
5
5
VIF = 100
PA
IF = 10
PA
Dominant Wavelength [1]
Red
Amber
Green
Blue
Od
618.0
584.5
519.0
460.0
626.0
590.0
525.0
470.0
630.0
594.5
539.0
480.0
IF = 20 mA
Peak Wavelength
Red
Amber
Green
Blue
OPEAK
634
594
516
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Thermal Resistance
R
TJ-PIN
130
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Red
Amber
Green
Blue
KV
200
520
530
65
lm/W
Emitted Luminous Power/Emitted
Radiant Power
Thermal coefficient of
Od
Red
Amber
Green
Blue
0.059
0.103
0.028
0.024
nm/°C
IF = 20 mA; +25°C ≤ TJ ≤ +100°C
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/
KV where IV is the luminous intensity in candelas and KV is
the luminous efficacy in lumens/watt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com