Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LB36-RU002 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # ALMD-LB36-RU002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALMD-LB36-RU002 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button ALMD-LB36-RU002 Datasheet HTML 3Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 4Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 5Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 6Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 7Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 8Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 9Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 10Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 11Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Intensity Bin Limit Table (1.2:1 Iv bin ratio)
Bin
Intensity (mcd) at 20mA
Min
Max
R
550
660
S
660
800
T
800
960
U
960
1150
V
1150
1380
W
1380
1660
X
1660
1990
Y
1990
2400
Z
2400
2900
1
2900
3500
2
3500
4200
3
4200
5040
4
5040
6050
Tolerance for each bin limit is ± 15%
Red Color Range
Min Dom
Max Dom
X min
Y Min
X max
Y max
618.0
630.0
0.6872
0.3126
0.6890
0.2943
0.6690
0.3149
0.7080
0.2920
Tolerance for each bin limit is ± 0.5nm
Amber Color Range
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
584.5
587.0
0.5420
0.4580
0.5530
0.4400
0.5370
0.4550
0.5570
0.4420
2
587.0
589.5
0.5570
0.4420
0.5670
0.4250
0.5530
0.4400
0.5720
0.4270
4
589.5
592.0
0.5720
0.4270
0.5820
0.4110
0.5670
0.4250
0.5870
0.4130
6
592.0
594.5
0.5870
0.4130
0.5950
0.3980
0.5820
0.4110
0.6000
0.3990
Tolerance for each bin limit is ± 0.5nm
VF Bin Table (V at 20mA) for Red & Amber
Bin ID
Min
Max
VD
1.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Tolerance for each bin limit is ± 0.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com