Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LB36-RU002 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ALMD-LB36-RU002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALMD-LB36-RU002 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ALMD-LB36-RU002 Datasheet HTML 3Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 4Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 5Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 6Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 7Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 8Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 9Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 10Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 11Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved.
AV02-2377EN - November 18, 2010
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured or authorized for
sale as parts, components or assemblies for the planning, construction, maintenenace or direct operation of a
nuclear facility or for use in medical devices or applications. Customer is solely responsible, and waives all rights to
make claims against avago or its suppliers, for all loss, damage, expense or liability in connection with such use.
Moisture Sensitivity and Handling
The ALMD-Lx36 series oval package has a Moisture
Sensitive Level 2a rating per JEDEC J-STD-020. Refer to
Avago Application Note AN5305, Handling of Moisture
Sensitive Surface Mount Devices, for additional details
and a review of proper handling procedures.
A. Storage before use
x An unopened moisture barrier bag (MBB) can be
stored at < 40° C/90% RH for 12 months. If the actual
shelf life has exceeded 12 months and the humidity
indicator card (HIC) indicates that baking is not
required then it is safe to reflow solder the LEDs per
the original MSL rating.
x It is recommended that the MBB not be opened
prior to assembly (e.g. for IQC).
B. Control after opening the MBB
x The humidity indicator card (HIC) shall be read
immediately upon opening of the MBB.
x The LEDs must be kept at < 30° C/60% RH at all
times, and all high temperature related processes
including soldering, curing or rework need to be
completed within 672 hours.
C. Control for unfinished tape and reel parts
x Unused LEDs must be stored in a sealed MBB with a
desiccant or desiccator at < 5% RH.
D. Control of assembled boards
x If the PCB soldered with the LEDs is to be subjected
to other high temperature processes, the PCB needs
to be stored in a sealed MBB with desiccant or
desiccator at < 5% RH to ensure that all LEDs have
not exceeded their floor life of 672 hours
E. Baking is required if:
x The HIC indicator is not BROWN at 10% and is AZURE
at 5%
x The LEDs are exposed to a condition of > 30° C/60%
RH at any time.
x The LED floor life exceeded 672 hours.
The recommended baking condition is: 60 ± 5° C for 20
hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com