Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LB36-RU002 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ALMD-LB36-RU002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALMD-LB36-RU002 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ALMD-LB36-RU002 Datasheet HTML 1Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 2Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 3Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 4Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 5Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 6Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 7Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 8Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Device Selection Guide
Part Number
Color and Dominant Wavelength
Od (nm) Typ
Luminous Intensity Iv (mcd) [1,2,5]
Viewing Angle
Typ - ° [4]
Min
Max
ALMD-LG36-WZ002
Red 626
1380
2900
40° x 100°
ALMD-LL36-WZ002
Amber 590
1380
2900
40° x 100°
ALMD-LM36-Z3002
Green 525
2400
5040
40° x 100°
ALMD-LB36-RU002
Blue 470
550
1150
40° x 100°
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
T½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%
Part Numbering System
Packaging Option
02: tested 20mA, 13 inch carrier tape, 8mm pitch, 16mm carrier width
Color Bin Selection
0: Full Distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Angle
36: Oval 40° x 100°
Color
B: Blue
G: Red
L: Amber
M: Green
Package
L: SMT Oval Lamps (AlInGaP/InGaN)
SMT Lamps
ALMD – X X 3 6 – x x x xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com