Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LB36-RU002 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ALMD-LB36-RU002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALMD-LB36-RU002 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ALMD-LB36-RU002 Datasheet HTML 1Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 2Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 3Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 4Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 5Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 6Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 7Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 8Page - Broadcom Corporation. ALMD-LB36-RU002 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ALMD-LL36, ALMD-LG36, ALMD-LM36, ALMD-LB36
High Brightness SMT Oval LED Lamps
Amber, Red, Green and Blue
Data Sheet
CAUTION: InGaN devices are Class 1C HBM ESD sensitive, AlInGaP devices are Class 1B ESD sensitive per JEDEC Standard.
Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Description
The new Avago ALMD-Lx36 oval LED series has the same
or just slightly less luminous intensity than conventional
high brightness, through-hole LEDs.
The new oval LED lamps can be assembled using common
SMT assembly processes and are compatible with indus-
trial reflow soldering processes.
The LEDs are made with an advanced optical grade epoxy
for superior performance in outdoor sign applications.
The surface mount Oval LEDs are specifically designed for
full color/video signs and indoor or outdoor passenger
information sign applications.
For easy pick and place assembly, the LEDs are shipped
in EIA-compliant tape and reel. Every reel is shipped from
a single intensity and color bin– except the red color–for
better uniformity.
Package Dimensions
Features
x Well defined spatial radiation pattern
x High brightness material
x Available in Red, Amber, Green and Blue color.
– Red AlInGaP 626nm
– Amber AlInGaP 590nm
– Green InGaN 525nm
– Blue InGaN 470nm
x Jedec MSL 2A
x Compatible with reflow soldering process
x Tinted and diffused lens
x Wide viewing angle: 40° x 100°
Applications
x Full color signs
x Mono color signs
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.20 mm unless other specified.
3.40±0.50
2.50±0.20
5.20±0.50
1.4 (4X)
1.0
AA
C
C
A - Anode
C - Cathode
Orientation
(Anode Mark)
4.20±0.20
4.20±0.20
4.75±0.50
CAUTION: Customer is advised to keep the LED in the MBB when not in use as prolonged exposure to environment might cause the
silver plated leads to tarnish, which might cause difficulties in soldering.


Similar Part No. - ALMD-LB36-RU002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LB36-SV002 AVAGO-ALMD-LB36-SV002 Datasheet
628Kb / 11P
High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
More results

Similar Description - ALMD-LB36-RU002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EG3D-VX002 AVAGO-ALMD-EG3D-VX002 Datasheet
355Kb / 11P
High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-LM36 AVAGO-ALMD-LM36 Datasheet
628Kb / 11P
High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
ALMD-LM38 AVAGO-ALMD-LM38 Datasheet
635Kb / 11P
High Brightness SMT Oval Green and Blue LED Lamps
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
High Brightness Red and Amber SMT Oval Lamps
ALMD-LM38 BOARDCOM-ALMD-LM38 Datasheet
635Kb / 11P
High Brightness SMT Oval Green and Blue LED Lamps
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
ALMD-EL3D BOARDCOM-ALMD-EL3D Datasheet
348Kb / 12P
High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
High Brightness SMT Round Red, Amber LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com