Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/06R1 Datasheet(PDF) 13 Page - Pentair Equipment Protection - Hoffman

Part # 2/06R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/06R1 Datasheet(HTML) 13 Page - Pentair Equipment Protection - Hoffman

Back Button 2/06R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 11Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 12Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 13Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 14Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 15Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 16Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 17Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
13
RING TERMINALS
Nylon Insulated Ring Terminals
8 AWG Nylon Insulated Ring
Material: Tin Plated Copper with Butted Seam
Insulation Material: Red 6/6 Nylon
Maximum Electrical Current: 70 Amps
Barrel ID(d1): .177
Maximum Electrical Rating: 105°C, 600V
Barrel OD (D): .315
Material Thickness (T): .047
Barrel Length (E): .630
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FN8S4
8
.169
.315
.366
1.142
Y
250
3H6
111
FN8S5
10
.209
.472
.366
1.232
Y
250
3H6
111
FN8S6
1/4
.252
.472
.366
1.232
Y
250
3H6
111
FN8-6
1/4
.252
.591
.543
1.469
Y
250
3H6
111
FN8-8
5/16
.331
.591
.543
1.469
Y
250
3H6
111
FN8-9
3/8
.413
.591
.543
1.469
Y
NA
NA
111
FN8-13
1/2
.512
.787
.591
1.614
Y
NA
NA
111
6 AWG Nylon Insulated Ring
Material: Tin Plated Copper with Butted Seam
Insulation Material: Blue 6/6 Nylon
Maximum Electrical Current: 95 Amps
Barrel ID(d1): .228
Maximum Electrical Rating: 105°C, 600V
Barrel OD (D): .433
Material Thickness (T): .059
Barrel Length (E): .846
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FN65
10
.209
.472
.524
1.606
Y
NA
NA
111
FN66
1/4
.252
.472
.524
1.606
Y
NA
NA
111
FN68
5/16
.331
.630
.559
1.713
Y
NA
NA
111
FN69
3/8
.413
.630
.559
1.713
Y
NA
NA
111
FN6-13
1/2
.512
.866
.780
2.047
Y
NA
NA
111
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com