Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/06R1 Datasheet(PDF) 5 Page - Pentair Equipment Protection - Hoffman

Part # 2/06R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/06R1 Datasheet(HTML) 5 Page - Pentair Equipment Protection - Hoffman

  2/06R1 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
5
RING TERMINALS
2 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 170 Amps
Barrel ID(d1): .370
Material Thickness (T): .071
Barrel OD (D): .524
Barrel Length (E): .551
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
2S5R1
10
.209
.602
.685
1.535
Y
NA
NA
2S6R1
1/4
.252
.602
.685
1.535
Y
NA
NA
2S8R1
5/16
.331
.602
.685
1.535
Y
NA
NA
AK150
2S9R1
3/8
.413
.602
.685
1.535
Y
NA
NA
29R1
3/8
.413
.866
.697
1.681
Y
NA
NA
211R1
7/16
.453
.866
.697
1.681
Y
NA
NA
213R1
1/2
.512
.866
.697
1.681
Y
NA
NA
1/0 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 230 Amps
Barrel ID(d1): .449
Material Thickness (T): .071
Barrel OD (D): .606
Barrel Length (E): .709
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
1/06R1
1/4
.252
.866
.815
1.957
Y
NA
NA
1/08R1
5/16
.331
.866
.815
1.957
Y
NA
NA
1/09R1
3/8
.413
.866
.815
1.957
Y
NA
NA
AK150
1/011R1
7/16
.453
.866
.815
1.957
Y
NA
NA
1/013R1
1/2
.512
.866
.815
1.957
Y
NA
NA
1/016R1
5/8
.669
1.260
.925
2.264
Y
NA
NA
2/0 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 265 Amps
Barrel ID(d1): .524
Material Thickness: .079
Barrel OD (D): .689
Barrel Length (E): .709
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
2/06R1
1/4
.252
.945
.787
1.969
Y
NA
NA
2/08R1
5/16
.331
.945
.787
1.969
Y
NA
NA
2/09R1
3/8
.413
.945
.787
1.969
Y
NA
NA
AK150
2/011R1
7/16
.453
.945
.787
1.969
Y
NA
NA
2/013R1
1/2
.512
.945
.787
1.969
Y
NA
NA
2/016R1
5/8
.669
1.260
1.024
2.402
Y
NA
NA
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com