Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/06R1 Datasheet(PDF) 29 Page - Pentair Equipment Protection - Hoffman

Part # 2/06R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/06R1 Datasheet(HTML) 29 Page - Pentair Equipment Protection - Hoffman

Back Button 2/06R1 Datasheet HTML 25Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 26Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 27Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 28Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 29Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 30Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 31Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 32Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 33Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
29
1210 AWG Vinyl Insulated Flanged Spade
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow PVC Vinyl
Maximum Electrical Current: 50 Amps
Barrel ID (d1): .134
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .248
J Type: .268
Material Thickness (T): .039
Barrel Length (E): .555
J Type: .551
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
FLANGE
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
HEIGHT
UL
REEL QTY
MOUNTED
d2
W
F
L
A
FVL1210S3BR2
6
0.146
0.299
0.244
1.047
0.059
Y
1000
3V1210
YNM2210
FVL1210S3BR2/J
6
0.146
0.299
0.244
0.992
0.059
Y
1000
3V1210
YNT1210S
FVL1210S4BR2
8
0.169
0.299
0.244
1.047
0.059
Y
1000
3V1210
YNM2210
FVL1210S4BR2/J
8
0.169
0.299
0.244
0.992
0.059
Y
1000
3V1210
YNT1210S
FVL1210S5BR2
10
0.209
0.299
0.244
1.047
0.059
Y
1000
3V1210
YNM2210
FVL1210S5BR2/J
10
0.209
0.299
0.244
0.992
0.059
Y
1000
3V1210
YNT1210S
Vinyl Insulated Flanged Spade Terminal with Copper Support Sleeve
2216 AWG Vinyl Insulated Flanged Spade with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Red PVC Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 18 Amps
Barrel ID (d1): .067
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .165
J Type: .157
Material Thickness (T): .030
Barrel Length (E): .413
J Type: .378
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
FLANGE
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
HEIGHT
UL
REEL QTY
MOUNTED
d2
W
F
L
A
FVD2216S3B/J
6
0.146
0.295
0.201
0.705
0.059
Y
1000
3V2216
YNT2216
FVD2216S3B
6
0.146
0.295
0.201
0.768
0.059
Y
1000
3V2216
YNM2210D
FVD2216S4B/J
8
0.169
0.295
0.201
0.705
0.059
Y
1000
3V2216
YNT2216
FVD2216S4B
8
0.169
0.295
0.201
0.768
0.059
Y
1000
3V2216
YNM2210D
FVD2216S5B/J
10
0.209
0.295
0.201
0.705
0.059
Y
1000
3V2216
YNT2216
FVD2216S5B
10
0.209
0.295
0.201
0.768
0.059
Y
1000
3V2216
YNM2210D
FLANGED SPADES
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com