Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/06R1 Datasheet(PDF) 4 Page - Pentair Equipment Protection - Hoffman

Part # 2/06R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/06R1 Datasheet(HTML) 4 Page - Pentair Equipment Protection - Hoffman

  2/06R1 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
4
RING TERMINALS
8 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Barrel ID(d1): .177
Maximum Electrical Current: 70 Amps
Barrel OD (D): .283
Material Thickness (T): .047
Barrel Length (E): .335
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
8NK4R1
8
.169
.315
.366
.846
Y
NA
NA
8S4R1
8
.169
.472
.366
.937
Y
200
3H8
8NK5R1
8
.209
.346
.429
.937
Y
NA
NA
8S5R1
10
.209
.472
.366
.937
Y
200
3H8
AK150
8S6R1
1/4
.252
.472
.366
.917
Y
200
3H8
8L6R1
1/4
.252
.591
.535
1.150
Y
200
3H8
88R1
5/16
.331
.591
.535
1.150
Y
200
3H8
89R1
3/8
.413
.591
.535
1.150
Y
200
3H8
813R1
1/2
.512
.787
.591
1.319
Y
200
3H8
6 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Barrel ID(d1): .228
Maximum Electrical Current: 95 Amps
Barrel OD (D): .354
Material Thickness (T): .059
Barrel Length (E): .413
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
65R1
10
.209
.472
.524
1.150
Y
200
3H6
66R1
1/4
.252
.472
.524
1.150
Y
200
3H6
68R1
5/16
.331
.630
.559
1.280
Y
200
3H6
AK150
69R1
3/8
.413
.630
.559
1.280
Y
200
3H6
613R1
1/2
.512
.866
.780
1.614
Y
NA
3H6
4 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Barrel ID(d1): .303
Maximum Electrical Current: 125 Amps
Barrel OD (D): .453
Material Thickness (T): .067
Barrel Length (E): .472
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
E
L
4S5R1
10
.209
.480
.594
1.307
Y
NA
NA
45R1
10
.209
.650
.531
1.319
Y
NA
NA
4S6R1
1/4
.252
.480
.594
1.299
Y
NA
NA
AK150
46R1
1/4
.252
.650
.531
1.319
Y
NA
NA
48R1
5/16
.331
.650
.531
1.319
Y
NA
NA
4S9R1
3/8
.413
.650
.531
1.319
Y
NA
NA
413R1
1/2
.512
.866
.776
1.673
Y
NA
NA
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com