Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/06R1 Datasheet(PDF) 2 Page - Pentair Equipment Protection - Hoffman

Part # 2/06R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/06R1 Datasheet(HTML) 2 Page - Pentair Equipment Protection - Hoffman

  2/06R1 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
2
Non-Insulated Ring Terminals
2622 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Barrel ID (d1) : .039
Maximum Electrical Current: 9 Amps
Barrel OD (D): .079
Material Thickness (T): .0196
Barrel Length (E): .157
DIMENSIONS (INCHES)
HOFFMAN
STUD
STUD
TONGUE
STUD
TAPE
DIE FOR
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
LENGTH
UL
MOUNTED
TAPE
HAND
d2
W
F
L
REEL QTY
MOUNTED
TOOL
2622-2
2
.087
.197
.236
.157
Y
NA
NA
YHT2622
2622-3
4
.126
.197
.236
.157
Y
NA
NA
YHT2622
2622-M3
6
.146
.236
.315
.157
Y
NA
NA
YHT2622
2622-4
8
.169
.256
.315
.157
Y
NA
NA
YHT2622
2216 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 18 Amps
Barrel ID (d1): .067
Material Thickness (T): .030
Barrel OD (D): .134
Barrel Length (E): .189
DIMENSIONS (INCHES)
HOFFMAN
STUD
STUD
TONGUE
STUD
TAPE
DIE FOR
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
LENGTH
UL
MOUNTED
TAPE
HAND
d2
W
F
L
REEL QTY
MOUNTED
TOOL
2216-S2/J
2
.087
.217
.157
.453
Y
1000
3H2216
YHT2210
2216-S3
4
.126
.217
.197
.492
Y
1000
3H2216
IZUMI 5N18
2216-S3/J
4
.126
.217
.157
.453
Y
1000
3H2216
YHT2210
2216-M3
6
.146
.260
.248
.567
Y
1000
3H2216
IZUMI 5N18
2216-M4
8
.169
.260
.248
.567
Y
1000
3H2216
IZUMI 5N18
2216-4
8
.169
.315
.276
.622
Y
1000
3H2216
IZUMI 5N18
2216-5
10
.209
.315
.276
.622
Y
1000
3H2216
IZUMI 5N18
2216-6
1/4
.252
.457
.433
.858
Y
1000
3H2216
IZUMI 5N18
2216-6/J
1/4
.252
.457
.437
.854
Y
1000
3H2216
YHT2210
2216-8
5/16
.331
.457
.433
.858
Y
1000
3H2216
IZUMI 5N18
2216-9
3/8
.413
.535
.547
1.004
Y
1000
3H2216
IZUMI 5N18
2216-13
1/2
.512
.756
.630
1.197
Y
1000
3H2216
IZUMI 5N18
RING TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com