Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
NXP Semiconductors
34845
5.2.5
WAKE operation
The WAKE pin provides the means to set the device for low power consumption (shutdown mode) without the need of an extra logic signal
for enable. This is achieved by connecting the WAKE and PWM pins together, and tying the EN pin to ground. In this configuration, the
PWM signal is used to control the LED channels, while allowing low power consumption by setting the device into its shutdown mode
every time the PWM signal is kept low for longer time than the WAKE time out of 27 ms.
5.2.6
Overtemperature shutdown and temperature control circuits
The 34845 includes over-temperature protection. If the internal temperature exceeds the over-temp threshold OTTSHUTDOWN, then the
device shuts down all functions. Once the temperature falls below the low level threshold, the device is re-enabled.
5.2.7
FAIL pin
The FAIL pin is at its low-impedance state when no error is detected. However, if an error such as an LED channel open or boost
overcurrent is detected, the FAIL pin goes into high-impedance. Once a failure is detected, the FAIL pin can be cleared by recycling the
EN pin or applying a complete power-on-reset (POR). If the detected failure is an Over-current time-out, the EN pin or a POR must be
cycled/executed to restart the part.
5.3
Typical performance curves
Figure 6. Typical system efficiency vs duty cycle (FPWM = 25 kHz)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
10
20
30
4050
607080
90
100
Duty Cycle (%)
Vin=9V
Fs = 600kHz
L=10uH, 68mOhm (IHLP2525CZER100M01)
Schottky 5A, 100V (PDS5100HDICT-ND)
COUT = 2x2.2µF
FPWM=25kHz
Load = 9 LEDs, 20mA/channel
VLED = 27.8V, ±0.5V /channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com