Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
NXP Semiconductors
17
34845
6.2.2
Input capacitor
The input capacitor should handle at least the following RMS current.
6.2.3
Output capacitor
For the output capacitor selection the transconductance should be taken in consideration.
The output voltage ripple (∆VOUT) depends on the ESR of the Output capacitor. For a low output voltage ripple, it is recommended to use
ceramic capacitors which have a very low ESR. Since ceramic capacitor are costly, electrolytic or tantalum capacitors can be mixed with
ceramic capacitors for a less expensive solution.
The output capacitor should at least handle the following RMS current.
6.2.4
Network compensation
Since this Boost converter is current controlled, a Type II compensation is needed. Note that before calculating the network compensation,
all boost converter components need to be known. For this type of compensation it is recommended to push out the Right Half Plane Zero
to higher frequencies where it does not significantly affect the overall loop.
The crossover frequency must be set much lower than the location of the Right half plane zero:
Since the system has a fixed slope compensation, RCOMP should be fixed for all configurations, i.e. RCOMP = 2.0 kΩ
CCOMP1 and CCOMP2 should be calculated as follows:
The recommended values of these capacitors for an acceptable performance of the system in different operating conditions are
CCOMP1 = 33 nF and CCOMP2 = 220 pF.
A resistor network can be implemented from the PWM pin to ground with a connection to the compensation network, to improve the
transient response of the boost. This configuration should inject a 1.0 V signal to the COMP pin and the equivalent Thevenin resistance
of the divider should be close to RCOMP, (i.e. for 2.0 kΩ COMP resistor, RCOMP = 3.3 kΩ and RSHUNT = 10 kΩ. See Figure 10 and
Figure 11 for implementation guidelines.
If a faster transient response is needed, a higher voltage (e.g. 1.3V) should be injected to the COMP pin; so the resistor divider should be
modified accordingly, but keeping the equivalent Thevenin resistance of the divider close to RCOMP.
IRMS C
IN
–
VIN VOUT VIN
–
()
×
2L
×
FSW
×
VOUT
×
---------------------------------------------------------



0.3
×
=
COUT
RCOMP 5
×
GM
×
IOUT
×
L
×
1D
–
() VOUT
×
0.35
×
-------------------------------------------------------------------------------
=
ESRC
OUT
VOUT ΔVOUT
×
FSW
×
L
×
VOUT 1D
–
()
×
---------------------------------------------------------------------------
=
IRMS C
OUT
–
IOUT
D
1D
–
-------------
×
=
fRHPZ
VOUT 1D
–
()
2
×
IOUT 2π
×
L
×
---------------------------------------------
=
fCROSS
fRHPZ
5
---------------
=
CCOMP1
2
π fCROSS
×
COMP
R
×
-------------------------------------------------------------
=
CCOMP2
2GM
6.28 FSW
×
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com