Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
NXP Semiconductors
13
34845
Figure 7. Typical ILED dimming linearity (FPWM = 25 kHz)
Figure 8. Typical operating waveforms (FPWM = 25 kHz, 50% duty)
Chablis ILED Dimming Linearity (FPWM=25kHz)
-2.000%
-1.500%
-1.000%
-0.500%
0.000%
0.500%
1.000%
1.500%
2.000%
110
100
% Duty cycle
(-) Mismatch @ 25°C
(+) Mismatch@ 25°C
Chablis ILED Dimming Linearity (FPWM=25kHz)
-2.000%
-1.500%
-1.000%
-0.500%
0.000%
0.500%
1.000%
1.500%
2.000%
110
100
% Duty cycle
(-) Mismatch @ 25°C
(+) Mismatch@ 25°C
PWM
VOUT (ac coupled)
VCH1
ILED1
PWM
VOUT (ac coupled)
VCH1
ILED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com