Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
NXP Semiconductors
34845
Figure 11. Typical application circuit for single wire control, fS = 300 kHz
(VIN = 8.0V, ILED = 20 mA/channel, 14 LEDs/channel, OVP = 49V, VPWM = 3.3V)
6.2
Components calculation
The following formulas are intended for the calculation of all external components related with the boost converter and network
compensation. To calculate the duty cycle, the internal losses of the MOSFET and diode should be taken into consideration:
The average input current depends directly on the output current when the internal switch is off.
6.2.1
Inductor
For calculating the Inductor, consider the losses of the internal switch and winding resistance of the inductor:
It is important to look for an inductor rated at least for the maximum input current:
MC34845B/D
CH5
CH1
CH2
CH3
33uH
CH4
20
23
18
11
10
9
8
7
3
4
80V, 1A
LED
LEG 2
VIN
LED
LEG 1
CH6
12
LED
LEG 3
SWA
SWB
LED
LEG 4
LED
LEG 5
LED
LEG 6
OVP
14
FAIL
22
1
VIN
2. 2uF
10V
VDC1
2.2uF
10V
VDC2
EN
6
24
VOUT
PGND
2
5
PGND
WAKE
EP
10uf
25V
15
0.1%
21
13
GND
GND
PWM
16
100 pF
100pF
100pF
100 pF
100pF
100 pF
0.1uf
220pF
COMP
56nF
2kΩ
Control
Unit
2uF
10kΩ
114kΩ
680kΩ
2uF 2uF 2uF
765kΩ
Caps should be located
as close as possible to the
MC34845 Device
7.65k
Ω
D
VOUT VD VIN
–
+
VOUT VD VSW
–
+
-----------------------------------------------
=
IIN AVG
–
IOUT
1D
–
-------------
=
L
VIN VSW
–IIN AVG
–
RINDUCTOR
×
()
–
() D
×
IIN AVG
–
r
×
FSW
×
------------------------------------------------------------------------------------------------------------------
=
IIN MAX
–
IIN AVG
–
VIN VOUT VIN
–
()
×
2L
×
FSW
×
VOUT
×
---------------------------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com