Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2861 Datasheet(PDF) 76 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 76 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 72Page - Qorvo, Inc ACT2861 Datasheet HTML 73Page - Qorvo, Inc ACT2861 Datasheet HTML 74Page - Qorvo, Inc ACT2861 Datasheet HTML 75Page - Qorvo, Inc ACT2861 Datasheet HTML 76Page - Qorvo, Inc ACT2861 Datasheet HTML 77Page - Qorvo, Inc ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
76 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x09: ADC Configuration 1 (R/W) (VM)
Bit
Name
Description
Comment
7
EN_ADC
0
0: ADC disabled
1: ADC enabled
6
ADC_ONE_SHOT
0
0: ADC continually
converts data when
EN_ADC=1
1: ADC performs a one-
time conversion when
EN_ADC=1
[ADC ONE SHOT][ADC_ CH_SCAN] = XX operation is
described as below.
00 = Scan channel specified by ADC CHANNEL
CONVERSION [2:0] register bits repeatedly in a loop.
01 = Scan and convert channels 0 – 7 repeatedly in a loop.
10 = Convert channel specified by ADC CHANNEL
CONVERSION [2:0] once (one shot)
11 = Scan and convert channels 0 – 7 once and stop – one
loop
5
ADC_CH_SCAN
0
0: Scan single channel
specified by
ADC_CH_CONV
1: Scan all channels
4
DIS_ADC_BUFFER
0
0: ADC Buffer is
enabled
1: ADC Buffer is
disabled
This should always be set to 0.
3
ADC_SWAP
0
0: ADC Buffer is normal
inputs
1: ADC Buffer swaps
inputs
If very accurate measurements are required, the ADC input
pair can be swapped to negate input offset errors in the
Buffer AMP. This requires one read with ADC_SWAP=0
and one read with ADC_SWAP=1, then average the results.
2
HW_DIE_REV[2]
0
HW Die Revision
For use by Qorvo
1
HW_DIE_REV[1]
0
0
HW_DIE_REV[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com