Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2861 Datasheet(PDF) 40 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 40 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 36Page - Qorvo, Inc ACT2861 Datasheet HTML 37Page - Qorvo, Inc ACT2861 Datasheet HTML 38Page - Qorvo, Inc ACT2861 Datasheet HTML 39Page - Qorvo, Inc ACT2861 Datasheet HTML 40Page - Qorvo, Inc ACT2861 Datasheet HTML 41Page - Qorvo, Inc ACT2861 Datasheet HTML 42Page - Qorvo, Inc ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
40 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Battery Full / Charging Termination
The ACT286x terminates a charge cycle when the bat-
tery reaches the termination voltage and the charge cur-
rent drops below the termination current. If the Input cur-
rent limit, Input Voltage limit, or Thermal Regulation loop
is active, the charger will not enter the Charge Full or
Charge Termination states.
Once the termination current and other requirements
are met, the charger transitions from the fast charge
state (FASTCHG) into either the charge full state
(CHGFULL) or charge termination state (CHGTERM).
When EN_TERM=0, the charger enters the CHGFULL
state. The Charge Full state functionality is the same as
the FASTCHG state. The charger can stay in the
CHGFULL state indefinitely. It keeps a fully charged
battery regulated to the VBAT_REG voltage. If some-
thing pulls current from the battery, the charger supplies
current to maintain the battery voltage at VBAT_REG.
The maximum charge current is still limited by the ex-
ternal OLIM resistor and the IFCHG[6:0] register.
When EN_TERM=1, the charger enters the CHGTERM
state. In this state, the charger is disabled and does not
supply any current to the battery. It monitors the battery
voltage to check for the condition when the battery volt-
age
drops
below
VTERM-VRECHARGE.
The
VRECHARGE voltage is typically 100mV or 150mV per
cell. Once the battery voltage drops below the threshold,
the IC enters the Fast Charge state and recharges the
battery.
See the state machine for more details charging and
charge termination.
Charging Safety Timers
The ACT2861 provides two internal charging safety tim-
ers: Low Battery Safety Timer and Fast Charge Safety
Timer
When the Battery Voltage is below VBAT_LOW and in the
charger is in the SCOND or PCOND states, a fixed 120
minute Low Battery Safety Timer is implemented. Dur-
ing this time, the Fast Charge Safety Timer is held in
reset and not active. If the Low Battery Safety timer
times out, the IC goes to the Charging Fault state until
it is reset – See below on how to clear the Low Battery
Safety Timer.
The Low Battery Safety Timer stops if the battery tem-
perature causes the converter to stop switching and en-
ter the SCSUSPEND or PCSUSPEND states. The Low
Battery Safety Timer runs at ½ speed if the Input Volt-
age, Input Current, or Die Temperature regulations
loops become active. This increases the overall time of
120 minute timer.
When the Battery Voltage is above VBAT_LOW the Fast
Charge Safety Timer is enabled and the Low Battery
Safety timer is held in reset. The Fast Charge Safety
Timer
is
controlled
with
the
I2C
bits
FC_SAFETY_TIMER[4:0] in register 0x1Bh. It is config-
urable between 30 minutes and 16 hours. If the Fast
Charge safety timer expires, the IC goes into the Charg-
ing Fault state and charging is disabled until the Fast
Charge Safety Timer is reset.
Both the Low Battery Safety and Fast Charge Safety
Timers can be fully disabled and reset via the I2C bit
DIS_SAFETY_TIMER in register 0x1Bh or manually
suspended
using
the
I2C
bit
SUS-
PEND_SAFETY_TIMER in register 0x1Bh.
Both safety timers are automatically stopped any time
the charging is enabled but charging has suspended.
This occurs when the battery temperature exceeds the
allowable temperature limits.
Both safety timers also run at ½ speed when VIN Input
Regulation, IIN Current Regulation, or Die Thermal
Regulation are active to increase the overall safety timer
windows.
Additionally, the Fast Charge Safety Timer runs at ½
speed in some JEITA charging modes. See the JEITA
Battery Temperature Control paragraph for more details.
Both safety timers are reset when any of the following
occur:
1.
Charging State Machine enters RESET state
2.
DIS_SAFETY_TIMER register is set High
3.
Charging has completed. This includes enter-
ing either the CHGFULL or CHG TERM states.
4.
IC exits the Charge Mode via the EN_CHG pin,
OVERRIDE_EN_CHG, HIZ Registers, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com