Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2861 Datasheet(PDF) 92 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 92 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 88Page - Qorvo, Inc ACT2861 Datasheet HTML 89Page - Qorvo, Inc ACT2861 Datasheet HTML 90Page - Qorvo, Inc ACT2861 Datasheet HTML 91Page - Qorvo, Inc ACT2861 Datasheet HTML 92Page - Qorvo, Inc ACT2861 Datasheet HTML 93Page - Qorvo, Inc ACT2861 Datasheet HTML 94Page - Qorvo, Inc ACT2861 Datasheet HTML 95Page - Qorvo, Inc ACT2861 Datasheet HTML 96Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
92 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x1D: Temperature Setting (R/W) (NVM)
Bit
Name
Description
Comment
7
FREQ_SEL[1]
1
Frequency Selection
Settings for SMPS
00: 125kHz
01: 250kHz
10: 500kHz
11: 1MHz
Operation Frequency Settings
Note: These can NOT be changed “on the fly”
and each setting requires a different inductor
value and capacitors and compensation
components.
CARE SHOULD BE TAKEN WHEN WRITING
TO THIS REGISTER TO AVOID CHANGING
THE FREQUENCY WHILE OPERATING
6
FREQ_SEL[0]
0
5
DIS_SHIP_RENTER
0
0: Enable re-enter ship
mode
1: Disable ship mode re-
enter
If set to 0, writing to SHIPM_ENTER (Reg 0x00h
Bit 5) allows the IC to re-enter ship mode. If set to
1, the IC ignores the SHIPM_ENTER command.
4
OTG_HOT[1]
0
00: VTH55C at 55°C
01: VTH60C at 60°C
10: VTH65C at 65°C
11: Disable shutdown
OTG mode or Disable JEITA Mode Hot
Temperature Monitor TH / NTC Thresholds
3
OTG_HOT[0]
1
2
OTG_COLD
0
0: VTH0C at 0°C
1: VTH-10C at -10°C
OTG mode or Disable JEITA Mode Cold
Temperature Monitor TH / NTC Thresholds
1
TREG[1]
1
00: Disable
01: 80°C
10: 100°C
11: 120°C
Die temperature regulation threshold
0
TREG[0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com