Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2861 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 16Page - Qorvo, Inc ACT2861 Datasheet HTML 17Page - Qorvo, Inc ACT2861 Datasheet HTML 18Page - Qorvo, Inc ACT2861 Datasheet HTML 19Page - Qorvo, Inc ACT2861 Datasheet HTML 20Page - Qorvo, Inc ACT2861 Datasheet HTML 21Page - Qorvo, Inc ACT2861 Datasheet HTML 22Page - Qorvo, Inc ACT2861 Datasheet HTML 23Page - Qorvo, Inc ACT2861 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
20 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Figure 3: Operating Modes State Machine
The system continuously monitors the battery voltage
and
if the battery voltage
is greater than the
VBATSHORT voltage threshold for 16ms, the charger
exits the SCOND state and moves to the Precondition
state.
The
battery
short
detection
voltage,
VBAT_SHORT, is adjustable by I2C bits VBAT_SHORT
in register 0x0Bh. Note: If the battery voltage is above
the VBATSHORT voltage when entering this state, the
charger still charges at the ISHRT current for 16ms be-
fore moving to the Precondition state.
During this state, the Low Battery Safety Timer is run-
ning to detect fault conditions or bad battery. See the
Charge Safety Timers section for further details. The
Low Battery Safety Timer is a cumulative timer for the
SCOND, and PCOND states and is fixed at 2 hours.
A Safety Timer timeout or Battery OV during this state
causes the charger to move to the Fault State, which
disables charging. An input voltage OV or UV condition
also moves the state machine into the Fault state. Fi-
nally, a fault on the VREG LDO, which is not masked
with the DIS_CHG_VREG_FLT register also moves the
state machine into the Fault state.
During this state, the VIN voltage and VIN Current reg-
ulation loops are active to ensure the input supply power
ratings are not exceeded. Additionally, the thermal reg-
ulation loop is active to keep the ACT2861 junction tem-
perature at or below the desired maximum junction tem-
perature. See the appropriate sections for more details.
During this state the nCHG pin is pulled low to indicate
charging is in progress.
Battery Short Condition Temp Suspend
(SCSUSPEND)
This state prevents charging when the battery tempera-
ture measured by the TH pin exceeds the JEITA or Bat-
tery Temp registers settings for Hot or Cold. All switch-
ing stops and charging is suspended. The state ma-
chine only enters SCSUSPEND from the SCOND state.
The charger transitions back to the SCOND state and
resumes charging when the temperature returns to al-
lowable levels. The system can force the IC out of the
SCSUSPEND state by disabling the TH input via I2C.
In this state, the Low Battery Safety Timer is suspended,
but held at its current value, in SCSUSPEND state. The
timer resumes counting when charging resumes.
During this state the nCHG output pin blinks at 1 HZ to
indicate a fault condition.
Battery Precondition Condition State (PCOND)
The PCOND state preconditions the battery with a low
charge current to avoid damage to fully discharged bat-
teries. In this state the charger charges the battery at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com