Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2861 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 18Page - Qorvo, Inc ACT2861 Datasheet HTML 19Page - Qorvo, Inc ACT2861 Datasheet HTML 20Page - Qorvo, Inc ACT2861 Datasheet HTML 21Page - Qorvo, Inc ACT2861 Datasheet HTML 22Page - Qorvo, Inc ACT2861 Datasheet HTML 23Page - Qorvo, Inc ACT2861 Datasheet HTML 24Page - Qorvo, Inc ACT2861 Datasheet HTML 25Page - Qorvo, Inc ACT2861 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
22 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
masked with the DIS_CHG_VREG_FLT register moves
the state machine into the Fault state.
If the battery voltage drops below the VBAT_LOW volt-
age for 16ms, the charger goes back into the Battery
Precondition state.
During this state, the VIN voltage and VIN Current reg-
ulation loops are active to ensure the input supply power
ratings are not exceeded. Additionally, the thermal reg-
ulation loop is active to keep the ACT2861 junction tem-
perature at or below the desired maximum junction tem-
perature. See the appropriate sections for more details.
During this state the nCHG pin is pulled low to indicate
charging is in progress.
Fast Charge Temp Suspend (FCSUSPEND)
This state prevents charging when the battery tempera-
ture measured by the TH pin exceeds the JEITA or Bat-
tery Temp registers settings for Hot or Cold. The state
machine only enters FCSUSPEND from the FASTCHG
state. The charger transitions back to the FASTCHG
state and resumes charging when the temperature re-
turns to allowable levels. The system can force the IC
out of the FCSUSPEND state by disabling the TH input
via I2C.
In this state, the Fast Charge Safety Timer is suspended,
but held at its current value. The timer resumes counting
when charging resumes.
During this state the nCHG output blinks at 1HZ to indi-
cate a fault condition.
Charge Full State (CHGFULL)
The Charge Full state functionality is the same as the
FASTCHG state. The charger can stay in the CHGFULL
state indefinitely. It keeps a fully charged battery regu-
lated to the VBAT_REG voltage. If something pulls cur-
rent from the battery, the charger supplies current to
maintain the battery voltage at VBAT_REG. The maxi-
mum charge current is still limited by the external OLIM
resistor and the IFCHG[6:0] register.
During normal charging, the charger enters CHGFULL
state from the FASTCHG state when the charging cur-
rent drops below ITERM for greater than 750ms AND
the I2C bit EN_TERM = 0.
If the charge current exceeds the ITERM current for
16ms,
or
if
the
battery
voltage
drops
below
VBAT_GOOD for 16ms, the IC exits the Charge Full
state and moves back to the FASTCHG state.
A Battery Temp or Battery OV fault during this state
causes the charger to move to the Fault state and disa-
ble charging. An input UV or OV condition also moves
the state machine into the Fault state. Finally, a fault on
the VREG LDO, which is not masked with the
DIS_CHG_VREG_FLT register moves the state ma-
chine into the Fault state.
In this state, the Fast Charge Safety Timer and the Low
Battery Safety Timer are reset and held at 0.
During this state the nCHG pin is HIZ to indicate the
charging has completed and the Fast Charge Safety
Timer is reset and held at 0.
Charge Full Suspend (CFSUSPEND)
This state prevents charging when the battery tempera-
ture measured by the TH pin exceeds the JEITA or Bat-
tery Temp registers settings for Hot or Cold. The state
machine only enters CFSUSPEND from the CHGFULL
state. The charger transitions back to the CHGFULL
state and resumes charging when the temperature re-
turns to allowable levels. The system can force the IC
out of the CFSUSPEND state by disabling the TH input
via I2C.
In this state, the Fast Charge Safety Timer is still held
at 0.
During this state the nCHG output blinks at 1HZ to indi-
cate a fault condition.
Battery Termination State (CHGTERM)
In this state, the charger is disabled and does not supply
any current to the battery. It monitors the battery voltage
to check for the condition when the battery voltage
drops to VTERM-VRECHARGE. The VRECHARGE
voltage is typically 100mV or 150mV per cell. Once the
battery voltage drops below the threshold, the IC enters
the Fast Charge state and recharges the battery.
During normal charging, the charger enters this state
when the charging current drops below ITERM for
greater than 750ms AND the I2C bit EN_TERM = 1.
In this state, the Fast Charge Safety Timer and the Low
Battery Safety Timer are reset and held at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com