Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT43750 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 4Page - Qorvo, Inc ACT43750 Datasheet HTML 5Page - Qorvo, Inc ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
8 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
RECOMMENDED OPERATING CONDITIONS
Parameter
Min.
Typ.
Max.
Units
V12: Supply voltage
+10.8
+12.0
+13.2
V
V50: Supply voltage
+10.0
+55
V
VCSPA, VCSCAL, VD: DSW50 block voltage
0
V50
IO(V5): V5 bias output current
20
mA
VREFIN, VNTC, VCONF: Analog input voltage
0
+5.0
V
VENCAL, VENG, VENTX, VSYNC: Logic input voltage
0
+5.5
V
VSDA, VSCL, VPG, VXINT: Open-drain pull-up voltage
+3.3
+5.5
V
IOL(SDA), IOL(SDA50), IOL(SCL50), IOL(PG), IOL(XINT): Current into open-drain pins
+1
mA
L1: REGG output filter coil value
6.8
µH
CGATE: REGG output filter capacitor value
22
µF
CCOMP: REGG loop compensation capacitance
470
pF
RRT: REGG switching frequency programming resistance
120
kΩ
CTOTAL(SCL50), CTOTAL(SDA50): Total bus-node capacitance
400
pF
All voltage values are to ground unless otherwise specified. The AGND and PGND pins are shorted together with the shortest PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com