Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT43750 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc ACT43750 Datasheet HTML 14Page - Qorvo, Inc ACT43750 Datasheet HTML 15Page - Qorvo, Inc ACT43750 Datasheet HTML 16Page - Qorvo, Inc ACT43750 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
13 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
VD = V50 = 50V, V12 = 12V, VG = ‒2.5V, VBT50 = 55.2V, VSCL = VSDA = VENCAL = VENG = VENTX = VSCL50 = VSDA50 = VNTC = 5V, VREFIN =
0V, TA = ‒40 to +125 °C, unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
I2C Master for ACT43850 and external I2C memory
fSCL50
SCL50 Output Clock
Frequency
0x17h [3:2] = 00
100
kHz
0x17h [3:2] = 01
200
kHz
0x17h [3:2] = 10
333
kHz
0x17h [3:2] = 11
1000
kHz
tLOW(SCL50)
SCL50 Pulse Width, Low
50% x
(1/fSCL50)
µs
tHIGH(SCL50)
SCL50 Pulse Width, High
50% x
(1/fSCL50)
µs
tSU(SDA)
SDA50 Set-up Time
25% x
(1/fSCL50)
ns
tH(SDA)
SDA50 Hold Time
25% x
(1/fSCL50)
ns
tSU(START50)
I2C START Set-up Time
50% x
(1/fSCL50)
ns
tSU(STOP50)
I2C STOP Set-up Time
50% x
(1/fSCL50)
ns
IDRAIN Calibrator
NAUTOCal
Delta-calibration Automatic
Re-Calibration Cycles
100
cycle
DSW50 Gate Drivers
tDEAD
Deadtime range (note 1)
-30
100
ns
tR(HSGU)
HSGU Turn ON Time
10% to 90%, no gate resistor
CGATE(FET) = 1.3nF
15
ns
tF(HSGD)
HSGD Turn OFF Time
90% to 10%, no gate resistor,
CGATE(FET) = 1.3nF
8
ns
tR(LSGU)
LSGU Turn ON Time
10% to 90%, no gate resistor
CGATE(FET) = 1.3nF
15
ns
tF(LSGD)
LSGD Turn Off Time
90% to 10%, no gate resistor,
CGATE(FET) = 1.3nF
8
ns
tD(CAL-TX)
Wait Time before ENTX Ready
(Internal calibration comp) to ENTX ready
10
ms
tD(HSGU)
HSGU Propagation Delay
ENTX
↑ to HSGU = H
100
ns
tD(LSGU)
LSGU Propagation Delay
ENTX
↓ to LSGU = L
100
ns
tD(PG, Rise)
PG Propagation Delay
From internal PG detection to VPG up
5
µs
tD(PG, Fall)
PG Propagation Delay
From internal PG detection to VPG down
0.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com